Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 9 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 5Page - Microchip Technology DSPIC30F2010 Datasheet HTML 6Page - Microchip Technology DSPIC30F2010 Datasheet HTML 7Page - Microchip Technology DSPIC30F2010 Datasheet HTML 8Page - Microchip Technology DSPIC30F2010 Datasheet HTML 9Page - Microchip Technology DSPIC30F2010 Datasheet HTML 10Page - Microchip Technology DSPIC30F2010 Datasheet HTML 11Page - Microchip Technology DSPIC30F2010 Datasheet HTML 12Page - Microchip Technology DSPIC30F2010 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70135E-page 7
dsPIC30F4011/4012
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the
dsPIC30F4011/4012 devices. The dsPIC30F
devices contain extensive Digital Signal Processor
(DSP) functionality within a high-performance, 16-bit
microcontroller (MCU) architecture. Figure 1-1 and
Figure 1-2 show device block diagrams for the
dsPIC30F4011 and dsPIC30F4012 devices.
FIGURE 1-1:
dsPIC30F4011 BLOCK DIAGRAM
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual” (DS70157).
AN8/RB8
Power-up
Timer
Oscillator
Start-up Timer
POR/BOR
Reset
Watchdog
Timer
Instruction
Decode and
Control
OSC1/CLKI
MCLR
VDD, VSS
AN4/QEA/IC7/CN6/RB4
UART1,
SPI1
Motor Control
PWM
Timing
Generation
CAN
AN5/QEB/IC8/CN7/RB5
16
PCH
PCL
Program Counter
ALU<16>
16
Address Latch
Program Memory
(48 Kbytes)
Data Latch
24
24
24
24
X Data Bus
IR
I2C™
QEI
AN6/OCFA/RB6
AN7/RB7
PCU
PWM1L/RE0
PWM1H/RE1
PWM2L/RE2
PWM2H/RE3
PWM3L/RE4
10-Bit ADC
Timers
PWM3H/RE5
FLTA/INT0/RE8
U2TX/CN18/RF5
SCK1/RF6
Input
Capture
Module
Output
Compare
Module
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
PORTB
C1RX/RF0
C1TX/RF1
PGC/EMUC/U1RX/SDI1/SDA/RF2
PGD/EMUD/U1TX/SDO1/SCL/RF3
PORTF
PORTD
16
16
16
16 x 16
W Reg Array
Divide
Unit
Engine
DSP
Decode
ROM Latch
16
Y Data Bus
Effective Address
X RAGU
X WAGU
Y AGU
EMUD3/AN0/VREF+/CN2/RB0
EMUC3/AN1/VREF-/CN3/RB1
AN2/SS1/CN4/RB2
AN3/INDX/CN5/RB3
OSC2/CLKO/RC15
U2RX/CN17/RF4
AVDD, AVSS
UART2
16
16
16
16
16
PORTC
PORTE
16
16
16
16
8
Interrupt
Controller
PSV & Table
Data Access
Control Block
Stack
Control
Logic
Loop
Control
Logic
Data Latch
Data Latch
Y Data
(1 Kbyte)
RAM
X Data
(1 Kbyte)
RAM
Address
Latch
Address
Latch
Control Signals
to Various Blocks
EMUC2/OC1/IC1/INT1/RD0
EMUD2/OC2/IC2/INT2/RD1
OC3/RD2
OC4/RD3
16
Data EEPROM
(1 Kbyte)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com