Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2488DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2488DN
Description  200kHz, 55V Input, 2A High Power LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2488DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2488DN Datasheet HTML 1Page - Monolithic Power Systems MP2488DN Datasheet HTML 2Page - Monolithic Power Systems MP2488DN Datasheet HTML 3Page - Monolithic Power Systems MP2488DN Datasheet HTML 4Page - Monolithic Power Systems MP2488DN Datasheet HTML 5Page - Monolithic Power Systems MP2488DN Datasheet HTML 6Page - Monolithic Power Systems MP2488DN Datasheet HTML 7Page - Monolithic Power Systems MP2488DN Datasheet HTML 8Page - Monolithic Power Systems MP2488DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP2488 – 2A, 200kHz, 55V HIGH-POWER LEDS DRIVER
MP2488 Rev. 1.0
www.MonolithicPower.com
2
6/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP2488DQ*
QFN10(3x3mm)
7G
–40
C to +85C
MP2488DN**
SOIC8E
MP2488DN
–40
C to +85C
*For Tape & Reel, add suffix –Z (eg. MP2488DQ–Z);
For RoHS compliant packaging, add suffix –LF (eg. MP2488DQ–LF–Z)
**
For Tape & Reel, add suffix –Z (eg. MP2488 DN–Z);
For RoHS compliant packaging, add suffix –LF (eg. MP2488 DN–LF–Z)
PACKAGE REFERENCE
TOP VIEW
SW
SW
EN
COMP
FB
1
2
3
4
5
BST
VIN
VIN
FREQ
GND
10
9
8
7
6
EXPOSED PAD
QFN10(3x3mm)
SW
EN
COMP
FB
BST
VIN
FREQ
GND
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
SOIC8E
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (VIN).....................–0.3V to +60V
Switch Voltage (VSW)............ –0.5V to VIN + 0.5V
BST to SW .....................................–0.3V to +5V
All Other Pins.................................–0.3V to +5V
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature.............. –65°C to +150
C
Continuous
Power
Dissipation
(TA=+25C )
(2)
QFN10(3x3mm) ......................................... 2.5W
SOIC8 (Exposed Pad) ............................... 2.5W
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 55V
Maximum Junction Temp. (TJ) ............... +125C
Thermal Resistance
(4)
θJA
θJC
QFN10(3x3mm)...................... 50 ...... 12...
C/W
SOIC8 (Exposed Pad) ............ 50 ...... 10...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com