Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2488DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2488DN
Description  200kHz, 55V Input, 2A High Power LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2488DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2488DN Datasheet HTML 1Page - Monolithic Power Systems MP2488DN Datasheet HTML 2Page - Monolithic Power Systems MP2488DN Datasheet HTML 3Page - Monolithic Power Systems MP2488DN Datasheet HTML 4Page - Monolithic Power Systems MP2488DN Datasheet HTML 5Page - Monolithic Power Systems MP2488DN Datasheet HTML 6Page - Monolithic Power Systems MP2488DN Datasheet HTML 7Page - Monolithic Power Systems MP2488DN Datasheet HTML 8Page - Monolithic Power Systems MP2488DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2488
200kHz, 55V Input, 2A
High Power LED Driver
MP2488 Rev. 1.0
www.MonolithicPower.com
1
6/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2488 is a fixed frequency step-down
switching regulator to deliver a constant current
of up to 2A to high power LEDs. It integrates a
high-side, high voltage power MOSFET with a
current limit of 3.2A. The wide 4.5V to 55V input
range accommodates a variety of step-down
applications, making it ideal for automotive,
industry and general lighting applications. Peak
current mode control and 200mV reference are
applied
for
fast
loop
response,
easy
compensation
and
accurate
LED
current
regulation.
The
switching
frequency
is
programmable with an external resistor up to
200kHz,
which
can
prevent
EMI
(Electromagnetic Interference) noise problems.
The thermal shut down provides reliable, fault
tolerant operations. A 12µA quiescent current in
shutdown mode allows its use in battery-
powered applications.
The MP2488 is available in small 3x3mm 10-pin
QFN and SOIC8 with exposed pad packages.
FEATURES
 Wide 4.5V to 55V Operating Input Range
 220mΩ Internal Power MOSFET
 Up to 200kHz Programmable Switching
Frequency
 130μA Quiescent Current
 Ceramic Capacitor Stable
 Internal Soft-Start
 Up to 97.5% Efficiency
 200mV reference voltage for high efficiency
 Available in 3x3mm 10-Pin QFN and SOIC8
with Exposed Pad Packages
APPLICATIONS
 High Power LED Driver
 Automotive, and General Lighting
 Constant Source
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2488
COMP
FB
FREQ
EN
VIN
GND
SW
BST
VIN
8V to 55V
CONTROL
CIN
CCOM1
CCOM2
D1
LED-
LED+
CBST
COUT
L1
RFB
RFREQ
CFREQ
RCOM
Efficiency vs. Input Voltage
10 WLED@330mA
90
92
94
96
98
100
30
35
40
45
50
55
60
INPUT VOLTAGE(V)


Similar Part No. - MP2488DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2488DN MPS-MP2488DN Datasheet
156Kb / 4P
High Voltage White LED Driver Evaluation Board
More results

Similar Description - MP2488DN

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Monolithic Power System...
MP2487 MPS-MP2487 Datasheet
207Kb / 13P
55V, 1A High Power LED Driver
MP24833 MPS-MP24833 Datasheet
649Kb / 16P
3A, 55V White LED Driver
logo
Unisonic Technologies
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Monolithic Power System...
MP24833A MPS-MP24833A Datasheet
495Kb / 14P
55V, 3A, White LED Driver
EV4689DN-00A MPS-EV4689DN-00A Datasheet
238Kb / 5P
100V Input 1A High Power LED Driver
EV24833-A-N-00A MPS-EV24833-A-N-00A Datasheet
270Kb / 5P
3A,55V White LED Driver
logo
Shenzhen Huazhimei Semi...
HM3122 HMSEMI-HM3122 Datasheet
1Mb / 7P
5A, 55V, 200KHz Switch Buck Converter
HM3124 HMSEMI-HM3124 Datasheet
847Kb / 6P
2A, 80V, 200KHz Switch Buck Converter
logo
Diodes Incorporated
AL5871Q DIODES-AL5871Q Datasheet
1Mb / 15P
AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER
Rev. 1 - 2 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com