Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2488DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2488DN
Description  200kHz, 55V Input, 2A High Power LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2488DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2488DN Datasheet HTML 6Page - Monolithic Power Systems MP2488DN Datasheet HTML 7Page - Monolithic Power Systems MP2488DN Datasheet HTML 8Page - Monolithic Power Systems MP2488DN Datasheet HTML 9Page - Monolithic Power Systems MP2488DN Datasheet HTML 10Page - Monolithic Power Systems MP2488DN Datasheet HTML 11Page - Monolithic Power Systems MP2488DN Datasheet HTML 12Page - Monolithic Power Systems MP2488DN Datasheet HTML 13Page - Monolithic Power Systems MP2488DN Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP2488 – 2A, 200kHz, 55V HIGH-POWER LEDS DRIVER
MP2488 Rev. 1.0
www.MonolithicPower.com
11
6/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
3. Determine if the second compensation
capacitor (CCOM2) is required, which is connected
from COMP pin to GND. It is required if the ESR
zero of the output capacitor is located at less
than half of the switching frequency:
S
OUT
ESR
f
1
2C
R
2

If this is the case, then add the second
compensation capacitor (CCOM2) to set the pole
fP3 at the location of the ESR zero. Determine the
CCOM2 value by the equation:
OUT
ESR
COM2
COM
CR
C
R
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator. In below cases, an
external BST diode is recommended from the 5V
to BST pin:
There is a 5V rail available in the system;
VIN is not greater than 5V;
VOUT is between 3.3V and 5V;
The bootstrap diode can be a low cost one such
as IN4148 or BAT54.
MP2488
SW
BST
5V
Figure 2—External Bootstrap Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com