Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2492DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2492DN
Description  2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2492DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2492DN Datasheet HTML 1Page - Monolithic Power Systems MP2492DN Datasheet HTML 2Page - Monolithic Power Systems MP2492DN Datasheet HTML 3Page - Monolithic Power Systems MP2492DN Datasheet HTML 4Page - Monolithic Power Systems MP2492DN Datasheet HTML 5Page - Monolithic Power Systems MP2492DN Datasheet HTML 6Page - Monolithic Power Systems MP2492DN Datasheet HTML 7Page - Monolithic Power Systems MP2492DN Datasheet HTML 8Page - Monolithic Power Systems MP2492DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP2492 – 2A, 55V, 100kHz WITH PROGRAMMABLE OUTPUT CURRENT LIMIT
MP2492 Rev. 1.0
www.MonolithicPower.com
2
12/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP2492DN*
SOIC8E
MP2492DN
–40
°C to +85°C
MP2492DQ**
QFN10(3mmx3mm)
3Q
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2492DN–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2492DN–LF–Z)
** For Tape & Reel, add suffix –Z (e.g. MP2492DQ–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2492DQ–LF–Z)
PACKAGE REFERENCE
VIN
GND
FB
SS
SW
BST
ISP
ISN
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
VIN
GND
EN
FB
SS
SW
BST
PGOOD
ISP
ISN
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
SOIC8E
QFN10(3mmx3mm)
ABSOLUTE MAXIMUM RATINGS (1)
Input Voltage VIN .......................................... 60V
VSW....................................... –0.3V to VIN + 0.3V
VBST ................................................... VSW + 6.5V
VISN, vISP................................................0V to15V
| VISN, - vISP | ........................................ 0 to 0.5V
VEN,.......................................................0V to15V
All Other Pins..............................–0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8E...................................................... 2.5W
QFN10 (3 x 3 mm) ..................................... 2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –50
°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VIN ..............................4.5V to 55V
Output Voltage VOUT (VIN>16.5V)......0.8V to 15V
Output Voltage VOUT (VIN<=16.5V) .....................
........................................0.8V to (VIN–1.7) V
Operating Junct. Temp. .......... –40
°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E................................... 50...... 10 ..
°C/W
QFN10 (3 x 3 mm)...................50........12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com