Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2492DN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2492DN
Description  2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2492DN Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2492DN Datasheet HTML 2Page - Monolithic Power Systems MP2492DN Datasheet HTML 3Page - Monolithic Power Systems MP2492DN Datasheet HTML 4Page - Monolithic Power Systems MP2492DN Datasheet HTML 5Page - Monolithic Power Systems MP2492DN Datasheet HTML 6Page - Monolithic Power Systems MP2492DN Datasheet HTML 7Page - Monolithic Power Systems MP2492DN Datasheet HTML 8Page - Monolithic Power Systems MP2492DN Datasheet HTML 9Page - Monolithic Power Systems MP2492DN Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP2492 – 2A, 55V, 100kHz WITH PROGRAMMABLE OUTPUT CURRENT LIMIT
MP2492 Rev. 1.0
www.MonolithicPower.com
6
12/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=220uF, C2=2.2uF, C3=39uF, C4=22uF, L=39uH, TA=25ºC,unless otherwise noted.
VIN
100mV/div.
VSW
10V/div.
VOUT
10mV/div.
VOUT
5V/div.
VOUT
5V/div.
IL
2A/div.
10us/div.
20ms/div.
20ms/div.
Steady State
VIN = 12V, VOUT =5V, IOUT = 2A
Electrical Load
VIN
10V/div.
VSW
10V/div.
IOUT
2A/div.
IOUT
2A/div.
Power Ramp Up
VIN = 12V, VOUT = 5V, IOUT = 2A
Resistor Load
VIN
10V/div.
VSW
10V/div.
Power Ramp Down
VIN = 12V,VOUT = 5V, IOUT = 2A
Resistor Load
VPG
5V/div.
VSW
50V/div.
VOUT
5V/div.
IOUT
2A/div.
Steady State
VIN = 50V, VOUT = 5V, IOUT = 1.8A
Electrical Load
VFB vs. Temperature
VOUT
20mV/div.
VOUT
2V/div.
VOUT
2V/div.
IOUT
1A/div.
IOUT
2A/div.
IOUT
2A/div.
4ms/div.
Load Transient Response
VIN = 12V,VOUT = 5V, IOUT = 0.1A to 2A
1us/div.
2us/div.
Short Circuit
VIN = 12V,VOUT = 5V, IOUT=0.5A
Short Circuit Recovery
VIN = 12V,VOUT = 5V
30
0
5
10
15
20
25
30
35
40
45
50
55
60
100
600
800
400
1000
FREQUENCY (MHz)
0.790
0.792
0.794
0.796
0.798
0.800
-50
-20
10
40
70
100
E lec tric F ield S trength 3 m Q P



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com