Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2492DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2492DN
Description  2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2492DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2492DN Datasheet HTML 1Page - Monolithic Power Systems MP2492DN Datasheet HTML 2Page - Monolithic Power Systems MP2492DN Datasheet HTML 3Page - Monolithic Power Systems MP2492DN Datasheet HTML 4Page - Monolithic Power Systems MP2492DN Datasheet HTML 5Page - Monolithic Power Systems MP2492DN Datasheet HTML 6Page - Monolithic Power Systems MP2492DN Datasheet HTML 7Page - Monolithic Power Systems MP2492DN Datasheet HTML 8Page - Monolithic Power Systems MP2492DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2492 – 2A, 55V, 100kHz WITH PROGRAMMABLE OUTPUT CURRENT LIMIT
MP2492 Rev. 1.0
www.MonolithicPower.com
4
12/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN10
Pin #
SOIC-8
Pin #
Name
Description
1
1
VIN
Supply Voltage. The MP2492 operates from a +4.5V to +55V unregulated input.
CIN is needed to prevent large voltage spikes from appearing at the input. Put CIN
as close to the IC as possible. It is the drain of the internal power device and
power supply for the whole chip.
2
2
GND
Exposed
Pad
Ground. This pin is the voltage reference for the regulated output voltage. For this
reason care must be taken in its layout. This node should be placed outside of the
D1 to CIN ground path to prevent switching current spikes from inducing voltage
noise into the part, Exposed Pad must be connected to Ground pin.
3
EN
On/Off Control Input.
4
3
FB
An external resistor divider from the output to GND, tapped to the FB pin sets the
output voltage.
5
4
SS
Connect to an external capacitor used for Soft-Start and compensation for current
limiting loop.
6
5
ISN
Negative Current Sense Input for load current limiting.
7
6
ISP
Positive Current Sense
8
PGOOD
Power good signal. When FB is less than 90% of 0.8V, PGOOD is low. It is an
open-drain output. Use a high value pull-up resistor externally to pull it up to
system power supply.
9
7
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the
supply voltage. It is connected between SW and BST pins to form a floating
supply across the power switch driver. An on-chip regulator is used to charge up
the external boot-strap capacitor. If the on-chip regulator is not strong enough, one
optional diode can be connected from IN or OUT to charge the external boot-strap
capacitor.
10
8
SW
Switch Output. It is the source of power device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com