Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-S5708 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # STR-S5708
Description  OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S5708 Datasheet(HTML) 5 Page - Allegro MicroSystems

  STR-S5708 Datasheet HTML 1Page - Allegro MicroSystems STR-S5708 Datasheet HTML 2Page - Allegro MicroSystems STR-S5708 Datasheet HTML 3Page - Allegro MicroSystems STR-S5708 Datasheet HTML 4Page - Allegro MicroSystems STR-S5708 Datasheet HTML 5Page - Allegro MicroSystems STR-S5708 Datasheet HTML 6Page - Allegro MicroSystems STR-S5708 Datasheet HTML 7Page - Allegro MicroSystems STR-S5708 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.allegromicro.com
STR-S5707 AND STR-S5708
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
TYPICAL QUASI-RESONANT FLYBACK CONVERTER
WARNING: lethal potentials are present. See below.
APPLICATIONS INFORMATION
WARNING — These devices are designed to be operated at lethal voltages and energy levels.
Circuit designs that embody these components must conform with applicable safety requirements.
Precautions must be taken to prevent accidental contact with power-line potentials.
Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Recommended mounting hardware torque:
4.34 – 5.79 lbf•ft (6 – 8 kg•cm or 0.588 – 0.784 Nm).
Recommended metal-oxide-filled, alkyl-degenerated oil base, silicone grease:
Dow Corning 340, or equivalent
+
+ OUTPUT
– OUTPUT
+
Dwg. EK-005A
R
SQ
7
+
+
+
+
9
6
8
4
3
1
2
5
#



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com