Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-S5708 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STR-S5708
Description  OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S5708 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STR-S5708 Datasheet HTML 1Page - Allegro MicroSystems STR-S5708 Datasheet HTML 2Page - Allegro MicroSystems STR-S5708 Datasheet HTML 3Page - Allegro MicroSystems STR-S5708 Datasheet HTML 4Page - Allegro MicroSystems STR-S5708 Datasheet HTML 5Page - Allegro MicroSystems STR-S5708 Datasheet HTML 6Page - Allegro MicroSystems STR-S5708 Datasheet HTML 7Page - Allegro MicroSystems STR-S5708 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STR-S5707 AND STR-S5708
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
FUNCTIONAL BLOCK DIAGRAM
ALLOWABLE PACKAGE POWER DISSIPATION
MAXIMUM SAFE OPERATING AREA
60
40
20
20
60
100
3.2 W
140
LIMITED BY FRAME
TEMP. = +125
°C MAX.
RECOMMENDED MAX.
FRAME TEMP. = +100
°C
FREE AIR
54 W
0
TEMPERATURE in
°C
MOUNTING SURFACE
TEMPERATURE
Dwg. GK-003-2
PROPORTIONAL
DRIVE
TSD
OVER-VOLT.
PROTECT
OSC.
R
S
Q
V
IN
SENSE
7
OVER-CURRENT
PROTECTION
COMMON
COLLECTOR
BASE
SINK
DRIVE
3300 pF
1 k
Ω
Rton
Rtoff
0.75 V
-1 V
1.4 V
5.1 V
REF.
FAULT
LATCH
+
+
+
+
INHIBIT
9
6
8
4
3
1
2
5
Dwg. FK-001-1
UVLO
1500 pF
30
3.0
0.3
COLLECTOR-EMITTER VOLTAGE in VOLTS
Dwg. GK-002-1A
1.0
10
0
200
400
600
1000
0.5
5.0
800
STR-S5708 (15 A)
STR-S5707 (12 A)
L = 6 mH
IB1 = 2.5 A
IB2 = 0.8 A
ton = 100
µs
dc < 1%
Copyright © 1994 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com