Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-S5708 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # STR-S5708
Description  OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-S5708 Datasheet(HTML) 8 Page - Allegro MicroSystems

  STR-S5708 Datasheet HTML 1Page - Allegro MicroSystems STR-S5708 Datasheet HTML 2Page - Allegro MicroSystems STR-S5708 Datasheet HTML 3Page - Allegro MicroSystems STR-S5708 Datasheet HTML 4Page - Allegro MicroSystems STR-S5708 Datasheet HTML 5Page - Allegro MicroSystems STR-S5708 Datasheet HTML 6Page - Allegro MicroSystems STR-S5708 Datasheet HTML 7Page - Allegro MicroSystems STR-S5708 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STR-S5707 AND STR-S5708
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
SWITCHING REGULATOR PMCMs
Part
Number*
Application
VI
Max PO
Power Switch
3002M
5 V switching regulator and a
7.0-33 V
–
–
500 mA
bipolar
9 V switching regulator†–
400 mA
bipolar
3004M
5 V switching regulator and
7.0-33 V
–
–
500 mA
bipolar
Dual 9 V switching regulator
–
2 x 400 mA
bipolar
S5703
Quasi-resonant flyback converter
110/120 V
140 W
500 V
6 A
bipolar
S5707
Quasi-resonant flyback converter
85-265 V
90 W
850 V
6 A
bipolar
220/240V
140 W
S5708
Quasi-resonant flyback converter
85-265 V
120 W
850 V
7.5 A
bipolar
220/240 V
180 W
S6703
Quasi-resonant flyback converter
110/120V
140 W
500 V
6 A
bipolar
S6704
Quasi-resonant flyback converter
110/120 V
100 W
500 V
5 A
bipolar
S6707
Quasi-resonant flyback converter
85-265 V
90 W
850 V
6 A
bipolar
220/240 V
140 W
S6708
Quasi-resonant flyback converter
85-265 V
120 W
850 V
7.5 A
bipolar
220/240 V
180 W
S6709
Quasi-resonant flyback converter
85-265 V
160 W
850 V
10 A
bipolar
220/240 V
220 W
8033S
3.3 V switching regulator
5.5-28 V
–
–
3 A
bipolar
8050S
5.0 V switching regulator
7.0-40 V
–
–
3 A
bipolar
8090S
9.0 V switching regulator
12-40V
–
–
3 A
bipolar
8120S
12 V switching regulator
15-40 V
–
–
3 A
bipolar
8150S
15 V switching regulator
18-40 V
–
–
3 A
bipolar
* Complete part number includes additional characters to indicate operating temperature range and/or package style.
† Also includes linear regulator output for 15.7 V at 1.0 A.
‡ Without heat sink.
The products described here are manufactured in Japan by Sanken Electric Co., Ltd. for sale by
Allegro MicroSystems, Inc.
Sanken Electric Co., Ltd. and Allegro MicroSystems, Inc. reserve the right to make, from time to
time, such departures from the detail specifications as may be required to permit improvements in
the performance, reliability, or manufacturability of their products. Therefore, the user is cautioned
to verify that the information in this publication is current before placing any order.
These products are not authorized for use as critical components in life-support appliances,
devices, or systems without express written approval.
The information included herein is believed to be accurate and reliable. However, Sanken
Electric Co., Ltd. and Allegro MicroSystems, Inc. assume no responsibility for its use; nor for any
infringements of patents or other rights of third parties which may result from its use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com