Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS300
Description  KEELOQ Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 4Page - Microchip Technology HCS300 Datasheet HTML 5Page - Microchip Technology HCS300 Datasheet HTML 6Page - Microchip Technology HCS300 Datasheet HTML 7Page - Microchip Technology HCS300 Datasheet HTML 8Page - Microchip Technology HCS300 Datasheet HTML 9Page - Microchip Technology HCS300 Datasheet HTML 10Page - Microchip Technology HCS300 Datasheet HTML 11Page - Microchip Technology HCS300 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
HCS300
DS21137F-page 8
© 2001 Microchip Technology Inc.
4.0
TRANSMITTED WORD
4.1
Code Word Format
The HCS300 code word is made up of several parts
(Figure 4-1). Each code word contains a 50% duty
cycle preamble, a header, 32 bits of encrypted data and
34 bits of fixed data followed by a guard period before
another code word can begin. Refer to Table 8-4 for
code word timing.
4.2
Code Word Organization
The HCS300 transmits a 66-bit code word when a
button is pressed. The 66-bit word is constructed from
a Fixed Code portion and an Encrypted Code portion
(Figure 4-2).
The 32 bits of Encrypted Data are generated from 4
button bits, 12 discrimination bits and the 16-bit sync
value. The encrypted portion alone provides up to four
billion changing code combinations.
The 34 bits of Fixed Code Data are made up of 2 sta-
tus bits, 4 button bits and the 28-bit serial number. The
fixed and encrypted sections combined increase the
number of code combinations to 7.38 x 1019.
FIGURE 4-1:
CODE WORD FORMAT
FIGURE 4-2:
CODE WORD ORGANIZATION
LOGIC ‘0’
LOGIC ‘1’
Bit
Period
Preamble
Header
Encrypted Portion
of Transmission
Fixed Portion of
Transmission
Guard
Time
TP
TH
THOP
TFIX
TG
TE
TE
TE
50% Duty Cycle
Repeat
(1 bit)
VLOW
(1 bit)
Button
Status
S2 S1 S0 S3
Serial Number
(28 bits)
Button
Status
S2 S1 S0 S3
OVR
(2 bits)
DISC
(10 bits)
Sync Counter
(16 bits)
Repeat
(1 bit)
VLOW
(1 bit)
Button
Status
1 1 1 1
Serial Number
(28 bits)
SEED
(32 bits)
34 bits of Fixed Portion
32 bits of Encrypted Portion
66 Data bits
Transmitted
LSb first.
LSb
MSb
MSb
LSb
Note: SEED replaces Encrypted Portion when all button inputs are activated at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com