Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 18 Page - Microchip Technology

Part # HCS300
Description  KEELOQ Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 14Page - Microchip Technology HCS300 Datasheet HTML 15Page - Microchip Technology HCS300 Datasheet HTML 16Page - Microchip Technology HCS300 Datasheet HTML 17Page - Microchip Technology HCS300 Datasheet HTML 18Page - Microchip Technology HCS300 Datasheet HTML 19Page - Microchip Technology HCS300 Datasheet HTML 20Page - Microchip Technology HCS300 Datasheet HTML 21Page - Microchip Technology HCS300 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
HCS300
DS21137F-page 18
© 2001 Microchip Technology Inc.
FIGURE 8-1:
POWER-UP AND TRANSMIT TIMING
TABLE 8-3:
POWER-UP AND TRANSMIT TIMING(2)
FIGURE 8-2:
CODE WORD FORMAT
VDD = +3.5 to 13.0V
Commercial(C): Tamb = 0°C to +70°C
Industrial(I): Tamb = -40°C to +85°C
Symbol
Parameter
Min
Max
Unit
Remarks
TBP
Time to second button press
10 + Code
Word
26 + Code
Word
ms
(Note 1)
TTD
Transmit delay from button detect
10
26
ms
TDB
Debounce Delay
6
15
ms
TTO
Auto-shutoff time-out period
20
120
s
Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the
intention was to press the combination of buttons.
2: Typical values - not tested in production.
Button Press
Sn
Detect
TDB
Output
TTD
Multiple Code Word Transmission
TTO
Code
Word
1
Code
Word
2
Code
Word
3
Code
Word
n
TBP
Code
Word
4
PWM
Input
Button
LOGIC ‘0’
LOGIC ‘1’
Bit Period
Preamble
Header
Encrypted Portion
of Transmission
Fixed Portion of
Transmission
Guard
Time
TP
TH
THOP
TFIX
TG
50% Duty Cycle
TBP
TE
TE
TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com