Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS300
Description  KEELOQ Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 1 Page - Microchip Technology

  HCS300 Datasheet HTML 1Page - Microchip Technology HCS300 Datasheet HTML 2Page - Microchip Technology HCS300 Datasheet HTML 3Page - Microchip Technology HCS300 Datasheet HTML 4Page - Microchip Technology HCS300 Datasheet HTML 5Page - Microchip Technology HCS300 Datasheet HTML 6Page - Microchip Technology HCS300 Datasheet HTML 7Page - Microchip Technology HCS300 Datasheet HTML 8Page - Microchip Technology HCS300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2001 Microchip Technology Inc.
DS21137F-page 1
HCS300
FEATURES
Security
• Programmable 28-bit serial number
• Programmable 64-bit encryption key
• Each transmission is unique
• 66-bit transmission code length
• 32-bit hopping code
• 28-bit serial number, 4-bit button code, 2-bit status
• Crypt keys are read protected
Operating
• 2.0V - 6.3V operation
• Four button inputs
• No additional circuitry required
• 15 functions available
• Selectable baud rate
• Automatic code word completion
• Low battery signal transmitted to receiver
• Non-volatile synchronization data
Other
• Easy-to-use programming interface
• On-chip EEPROM
• On-chip oscillator and timing components
• Button inputs have internal pull-down resistors
• Current limiting on LED output
• Low external component cost
Typical Applications
The HCS300 is ideal for Remote Keyless Entry (RKE)
applications. These applications include:
• Automotive RKE systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage door openers
• Identity tokens
• Burglar alarm systems
DESCRIPTION
The HCS300 from Microchip Technology Inc. is a code
hopping encoder designed for secure Remote Keyless
Entry (RKE) systems. The HCS300 utilizes the KEELOQ
code hopping technology, incorporating high security, a
small package outline and low cost. The HCS300 is a
perfect solution for unidirectional remote keyless entry
systems and access control systems.
PACKAGE TYPES
HCS300 BLOCK DIAGRAM
The HCS300 combines a 32-bit hopping code,
generated by a nonlinear encryption algorithm, with a
28-bit serial number and 6 information bits to create a
66-bit code word. The code word length eliminates the
threat of code scanning and the code hopping mecha-
nism makes each transmission unique, thus rendering
code capture and resend schemes useless.
1
2
3
4
8
7
6
5
S0
S1
S2
S3
VDD
LED
PWM
VSS
PDIP, SOIC
VSS
VDD
Oscillator
RESET circuit
LED driver
Controller
Power
latching
and
switching
Button input port
32-bit shift register
Encoder
EEPROM
PWM
LED
S3 S2 S1 S0
KEELOQ® Code Hopping Encoder


Similar Part No. - HCS300

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS300 MICROCHIP-HCS300 Datasheet
138Kb / 20P
KEE LOQ Code Hopping Encoder
2001
HCS300 MICROCHIP-HCS300 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS300 MICROCHIP-HCS300 Datasheet
158Kb / 17P
USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
1997 - 2002
HCS300 MICROCHIP-HCS300 Datasheet
714Kb / 36P
Microchip Technology Inc. is a code hopping encoder designed
2011
HCS300-/P MICROCHIP-HCS300-/P Datasheet
381Kb / 28P
KEE LOQ Code Hopping Encoder
2001
More results

Similar Description - HCS300

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS500 MICROCHIP-HCS500 Datasheet
356Kb / 24P
KEELOQ CODE HOPPING ENCODER
1997
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com