Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet (PDF) - Microchip Technology

HCS300 Datasheet PDF - Microchip Technology
Part # HCS300
Download  HCS300 Download
File Size   138.4 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEE LOQ Code Hopping Encoder

HCS300 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS300 Datasheet PDF - Microchip Technology

Part # HCS300
Download  HCS300 Click to download

File Size   138.4 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEE LOQ Code Hopping Encoder

HCS300 Datasheet (HTML) - Microchip Technology


HCS300 Product details

DESCRIPTION
The HCS300 from Microchip Technology Inc. is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS300 utilizes the KEELOQ® code hopping technology, incorporating high security, a small package outline and low cost. The HCS300 is a perfect solution for unidirectional remote keyless entry systems and access control systems.

FEATURES
Security
• Programmable 28-bit serial number
• Programmable 64-bit encryption key
• Each transmission is unique
• 66-bit transmission code length
• 32-bit hopping code
• 28-bit serial number, 4-bit button code, 2-bit status
• Crypt keys are read protected

Operating
• 2.0V - 6.3V operation
• Four button inputs
• No additional circuitry required
• 15 functions available
• Selectable baud rate
• Automatic code word completion
• Low battery signal transmitted to receiver
• Non-volatile synchronization data

Typical Applications
The HCS300 is ideal for Remote Keyless Entry (RKE) applications. These applications include:
• Automotive RKE systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage door openers
• Identity tokens
• Burglar alarm systems




Similar Part No. - HCS300

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS300 MICROCHIP-HCS300 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS300 MICROCHIP-HCS300 Datasheet
158Kb / 17P
USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
1997 - 2002
HCS300 MICROCHIP-HCS300 Datasheet
714Kb / 36P
Microchip Technology Inc. is a code hopping encoder designed
2011
HCS300 MICROCHIP-HCS300 Datasheet
275Kb / 28P
KEELOQ Code Hopping Encoder
10/01/01
HCS300-/P MICROCHIP-HCS300-/P Datasheet
381Kb / 28P
KEE LOQ Code Hopping Encoder
2001
More results


Similar Description - HCS300

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS300 MICROCHIP-HCS300_01 Datasheet
381Kb / 28P
KEE LOQ Code Hopping Encoder
2001
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com