Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS300
Description  KEE LOQ Code Hopping Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 3Page - Microchip Technology HCS300 Datasheet HTML 4Page - Microchip Technology HCS300 Datasheet HTML 5Page - Microchip Technology HCS300 Datasheet HTML 6Page - Microchip Technology HCS300 Datasheet HTML 7Page - Microchip Technology HCS300 Datasheet HTML 8Page - Microchip Technology HCS300 Datasheet HTML 9Page - Microchip Technology HCS300 Datasheet HTML 10Page - Microchip Technology HCS300 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© 2001 Microchip Technology Inc.
DS21137F-page 7
HCS300
3.6
CONFIG (Configuration Word)
The Configuration Word is a 16-bit word stored in
EEPROM array that is used by the device to store
information used during the encryption process, as well
as the status of option configurations. The following
sections further explain these bits.
TABLE 3-2:
CONFIGURATION WORD
3.6.1
DISCRIMINATION VALUE
(DISC0 TO DISC9)
The discrimination value aids the post-decryption
check on the decoder end. It may be any value, but in
a typical system it will be programmed as the 12 Least
Significant bits of the serial number. Values other than
this must be separately stored by the receiver when a
transmitter is learned. The discrimination bits are part
of the information that form the encrypted portion of
the transmission (Figure 4-2). After the receiver has
decrypted a transmission, the discrimination bits are
checked against the receiver’s stored value to verify
that the decryption process was valid. If the discrimi-
nation value was programmed as the 12 LSb’s of the
serial number then it may merely be compared to the
respective bits of the received serial number; saving
EEPROM space.
3.6.2
OVERFLOW BITS
(OVR0, OVR1)
The overflow bits are used to extend the number of
possible synchronization values. The synchronization
counter is 16 bits in length, yielding 65,536 values
before the cycle repeats. Under typical use of
10 operations a day, this will provide nearly 18 years of
use before a repeated value will be used. Should the
system designer conclude that is not adequate, then
the overflow bits can be utilized to extend the number
of unique values. This can be done by programming
OVR0 and OVR1 to 1s at the time of production. The
encoder will automatically clear OVR0 the first time that
the synchronization value wraps from 0xFFFF to
0x0000 and clear OVR1 the second time the counter
wraps. Once cleared, OVR0 and OVR1 cannot be set
again, thereby creating a permanent record of the
counter overflow. This prevents fast cycling of 64K
counter. If the decoder system is programmed to track
the overflow bits, then the effective number of unique
synchronization values can be extended to 196,608.
3.6.3
BAUD RATE SELECT BITS
(BSL0, BSL1)
BSL0 and BSL1 select the speed of transmission and
the code word blanking. Table 3-3 shows how the bits
are used to select the different baud rates and
Section 5.7 provides detailed explanation in code word
blanking.
TABLE 3-3:
BAUD RATE SELECT
3.6.4
LOW VOLTAGE TRIP POINT
SELECT (VLOW SEL)
The low voltage trip point select bit is used to tell the
HCS300 what VDD level is being used. This information
will be used by the device to determine when to send
the voltage low signal to the receiver. When this bit is
set to a one, the VDD level is assumed to be operating
from a 5V or 6V VDD level. If the bit is set low, then the
VDD
level is assumed to be 3.0 volts.
FIGURE 3-1:
VLOW CHARACTERISTICS
Bit Number
Bit Description
0
Discrimination Bit 0
1
Discrimination Bit 1
2
Discrimination Bit 2
3
Discrimination Bit 3
4
Discrimination Bit 4
5
Discrimination Bit 5
6
Discrimination Bit 6
7
Discrimination Bit 7
8
Discrimination Bit 8
9
Discrimination Bit 9
10
Overflow Bit 0 (OVR0)
11
Overflow Bit 1 (OVR1)
12
Low Voltage Trip Point Select (VLOW
SEL
)
13
Baud rate Select Bit 0 (BSL0)
14
Baud rate Select Bit 1 (BSL1)
15
Reserved, set to 0
BSL1
BSL0
Basic Pulse
Element
Code Words
Transmitted
0
0
400
µsAll
0
1
200
µs
1 out of 2
1
0
100
µs
1 out of 2
1
1
100
µs
1 out of 4
-40
050
85
2.0
1.6
1.8
1.4
2.2
2.4
2.6
3.6
3.8
4.0
4.2
VLOW
Temp (C)
Volts (V)
VLOW sel = 0
VLOW sel = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com