Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS300
Description  KEE LOQ Code Hopping Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 5Page - Microchip Technology HCS300 Datasheet HTML 6Page - Microchip Technology HCS300 Datasheet HTML 7Page - Microchip Technology HCS300 Datasheet HTML 8Page - Microchip Technology HCS300 Datasheet HTML 9Page - Microchip Technology HCS300 Datasheet HTML 10Page - Microchip Technology HCS300 Datasheet HTML 11Page - Microchip Technology HCS300 Datasheet HTML 12Page - Microchip Technology HCS300 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 2001 Microchip Technology Inc.
DS21137F-page 9
HCS300
4.3
Synchronous Transmission Mode
Synchronous Transmission mode can be used to clock
the code word out using an external clock.
To enter Synchronous Transmission mode, the Pro-
gramming mode start-up sequence must be executed
as shown in Figure 4-3. If either S1 or S0 is set on the
falling edge of S2 (or S3), the device enters Synchro-
nous Transmission mode. In this mode, it functions as
a normal transmitter, with the exception that the timing
of the PWM data string is controlled externally and 16
extra bits are transmitted at the end with the code word.
The button code will be the S0, S1 value at the falling
edge of S2 or S3. The timing of the PWM data string is
controlled by supplying a clock on S2 or S3 and should
not exceed 20 kHz. The code word is the same as in
PWM mode with 16 reserved bits at the end of the
word. The reserved bits can be ignored. When in Syn-
chronous Transmission mode S2 or S3 should not be
toggled until all internal processing has been com-
pleted as shown in Figure 4-4.
FIGURE 4-3:
SYNCHRONOUS TRANSMISSION MODE
FIGURE 4-4:
CODE WORD ORGANIZATION (SYNCHRONOUS TRANSMISSION MODE)
“01,10,11”
PWM
S2
S[1:0]
TPS TPH1 TPH2
t = 50ms
Preamble
Header
Data
Reserved
(16 bits)
Padding
(2 bits)
Button
Status
S2 S1 S0 S3
Serial Number
(28 bits)
Button
Status
S2 S1 S0 S3
DISC+ OVR
(12 bits)
Sync Counter
(16 bits)
82 Data bits
Transmitted
LSb first.
LSb
MSb
Fixed Portion
Encrypted Portion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com