Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2497 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2497
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2497 Datasheet HTML 6Page - Monolithic Power Systems MP2497 Datasheet HTML 7Page - Monolithic Power Systems MP2497 Datasheet HTML 8Page - Monolithic Power Systems MP2497 Datasheet HTML 9Page - Monolithic Power Systems MP2497 Datasheet HTML 10Page - Monolithic Power Systems MP2497 Datasheet HTML 11Page - Monolithic Power Systems MP2497 Datasheet HTML 12Page - Monolithic Power Systems MP2497 Datasheet HTML 13Page - Monolithic Power Systems MP2497 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP2497 – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497 Rev. 1.12
www.MonolithicPower.com
11
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Programming the Short Circuit Current Limit
The hiccup current limit at output short
condition can be programmed to be lower by
external resisters (RS1, RS2, RS1=RS2), as shown
in figure 4.
When output voltage is lower than 200mV, the
current limit is described by:
OUT _ SL
SENSE
S1
I
R
6.2 A R
100mV
×+
μ ×
=
(14)
The current limit at output short condition is:
S1
OUT _ SL
SENSE
100mV 6.2 A R
I
R
−μ ×
=
(15)
SW
ISP
ISN
RSENSE
RS1
RS2
200mV
6.2uA
Figure 4—Short Circuit Current Limit
PC Board Layout
The high frequency path (IN, SW and GND)
should be placed very close to the device with
short, direct and wide traces. The input
capacitor needs to be as close as possible to
the IN and GND pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switching node SW short and away
from the feedback network.
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the system has a 5V
fixed input or the power supply generates a 5V
output. This helps improve the efficiency of the
regulator. The bootstrap diode can be a low
cost one such as IN4148 or BAT54.
This diode is also recommended for high duty
cycle operation (when
O U T
I N
V
V
>65%) and high
output voltage (VOUT>12V) applications.
MP2497
BS
SW
10nF
5V
Figure 5—External Bootstrap Diode
Design Example
Below is a design example following the
application guidelines for the specifications:
VIN
8 to 50V
VOUT
5V
VOVP
6V
FSW
100kHz
IOUT-L
3A
The detailed application schematic is shown in
Figure 6.
The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
possible applications of this device, please refer
to related Evaluation Board Data Sheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com