Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2497 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2497
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2497 Datasheet HTML 1Page - Monolithic Power Systems MP2497 Datasheet HTML 2Page - Monolithic Power Systems MP2497 Datasheet HTML 3Page - Monolithic Power Systems MP2497 Datasheet HTML 4Page - Monolithic Power Systems MP2497 Datasheet HTML 5Page - Monolithic Power Systems MP2497 Datasheet HTML 6Page - Monolithic Power Systems MP2497 Datasheet HTML 7Page - Monolithic Power Systems MP2497 Datasheet HTML 8Page - Monolithic Power Systems MP2497 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2497
3A, 50V, 100kHz Step-Down Converter
with Programmable Output OVP Threshold
MP2497 Rev. 1.12
www.MonolithicPower.com
1
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2497 is a monolithic step-down switch
mode converter with a programmable output
current limit. It achieves 3A continuous output
current over a wide input supply range with
excellent load and line regulation. An internal
2~4ms soft start prevents inrush current at turning
on. And it is capable of providing output line drop
compensation.
MP2497 achieves low EMI signature with well
controlled switching edges.
Fault condition protection includes hiccup current
limit and short circuit protection, programmable
output over voltage protection and thermal
shutdown.
The MP2497 requires a minimum number of
readily available standard external components.
The MP2497 is available in SOIC8 and SOIC8E
package.
FEATURES
• Wide 4.5V to 50V Operating Input Range
• Programmable
Output
Over
Voltage
Protection
• Output Adjustable from 0.8V to 25V
• 0.15Ω Internal Power MOSFET Switch
• Internal 4ms Soft Start
• Stable with Low ESR Output Ceramic
Capacitors
• Fixed 100kHz Frequency
• Low EMI Signature
• Thermal Shutdown
• Output Line Drop Compensation
• Hiccup Circuit Limit and Short Circuit
Protection
• Available in SOIC8 and SOIC8E Package
APPLICATIONS
• USB Power Supplies
• Automotive Cigarette Lighter Adapters
• Power Supply for Linear Chargers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
+
L1
33µH
MP2497
SW
OVP
ISP
ISN
FB
BST
VIN
GND
GND
C10
0.1µF
GND
VIN
R4
10kO
R3
39kO
D1
C4
22µF
C3
100µF
RSENSE
33mO
C5
0.1µF
R7
1kO
R5
1kO
C7
10nF
C8
10nF
R1
301kO
R2
57.6kO
C9
150pF
R6
0O
C6
0.1µF
C11
0.1µF
C1
220µF
C2
2.2µF
VOUT
Efficiency vs.
Output Current
55
60
65
70
75
80
85
90
95
OUTPUT CURRENT (A)
0.1 0.5 0.9 1.3 1.7 2.1 2.5 2.9
VIN=12V
VIN=24V
VIN=50V
VOUT=5V


Similar Part No. - MP2497

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2497-A MPS-MP2497-A Datasheet
606Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP24971DN MPS-MP24971DN Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP24971DS MPS-MP24971DS Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP2497GN-A MPS-MP2497GN-A Datasheet
606Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
More results

Similar Description - MP2497

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
2A, 55V, 100kHz Step-Down Converter
MP2497-A MPS-MP2497-A Datasheet
606Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
logo
Linear Technology
LT3430 LINER-LT3430_15 Datasheet
332Kb / 28P
High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com