Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2497 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2497
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2497 Datasheet HTML 6Page - Monolithic Power Systems MP2497 Datasheet HTML 7Page - Monolithic Power Systems MP2497 Datasheet HTML 8Page - Monolithic Power Systems MP2497 Datasheet HTML 9Page - Monolithic Power Systems MP2497 Datasheet HTML 10Page - Monolithic Power Systems MP2497 Datasheet HTML 11Page - Monolithic Power Systems MP2497 Datasheet HTML 12Page - Monolithic Power Systems MP2497 Datasheet HTML 13Page - Monolithic Power Systems MP2497 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP2497 – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497 Rev. 1.12
www.MonolithicPower.com
12
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
+
L1
33µH
MP2497
SW
OVP
ISP
ISN
FB
BST
VIN
GND
GND
C10
0.1µF
GND
VIN
VCC
D1
NS
R4
10kO
R3
39kO
R13
0O
D2
PDS560
C4
22µF
C3
100µF
R9
50mO
R10
100mO
C12
NS
C5
0.1µF
R7
1kO
R5
1kO
C7
10nF
C8
10nF
R1
301kO
R2
57.6kO
C9
150pF
R12
0O
R6
0O
C6
0.1µF
C11
0.1µF
C1
220µF
C2
2.2µF
VOUT
R8
100O
R11
910O
Figure 6—Detailed Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com