Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2497DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2497DN
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2497DN Datasheet HTML 1Page - Monolithic Power Systems MP2497DN Datasheet HTML 2Page - Monolithic Power Systems MP2497DN Datasheet HTML 3Page - Monolithic Power Systems MP2497DN Datasheet HTML 4Page - Monolithic Power Systems MP2497DN Datasheet HTML 5Page - Monolithic Power Systems MP2497DN Datasheet HTML 6Page - Monolithic Power Systems MP2497DN Datasheet HTML 7Page - Monolithic Power Systems MP2497DN Datasheet HTML 8Page - Monolithic Power Systems MP2497DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP2497 – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497 Rev. 1.12
www.MonolithicPower.com
3
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 50V
0.78
0.8
0.82
V
Feedback Bias Current
IBIAS(FB)
VFB = 0.8V
10
nA
Output
Over
Voltage
Reference
VOVREF
TA=-40°C to +85°C
1.10
1.23
1.36
V
Input Bias Current (OVP)
IBIAS(OVP)
VOVP=1.23V
0.1
μA
Switch On Resistance
RDS(ON)
0.15
Ω
Switch Leakage
VOVP = 2V, VSW = 0V
0.1
10
μA
Current Limit
Duty Cycle=10%
5
A
Oscillator Frequency
fSW
VFB = 0.6V
80
100
120
kHz
Boot-Strap Voltage
VBST - VSW
4.5
V
Minimum On Time
tON
100
ns
SW Rising Edge
tRISE
50
ns
SW Falling Edge
tFALL
50
ns
Under Voltage Lockout Threshold
Rising
2.9
3.4
3.9
V
Under Voltage Lockout Threshold
Hysteresis
200
mV
Load
Line
Compensation
Gain
GLLC
VISP-VISN=100mV, check IFB
15
20
25
μA/V
Current Sense Voltage
VISP –VISN VISP, VISN 0.5–15V
90
100
110
mV
Input Bias Current (ISN, ISP)
IBIAS (ISN,ISP) VISP, VISN 0.5–15V
-1
-0.5
+1
μA
Supply Current (Quiescent)
VOVP = 0V, VFB = 1V
1.2
1.5
mA
Thermal Shutdown
150
°C
Thermal Shutdown Hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com