Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2497DN Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2497DN
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497DN Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2497DN Datasheet HTML 4Page - Monolithic Power Systems MP2497DN Datasheet HTML 5Page - Monolithic Power Systems MP2497DN Datasheet HTML 6Page - Monolithic Power Systems MP2497DN Datasheet HTML 7Page - Monolithic Power Systems MP2497DN Datasheet HTML 8Page - Monolithic Power Systems MP2497DN Datasheet HTML 9Page - Monolithic Power Systems MP2497DN Datasheet HTML 10Page - Monolithic Power Systems MP2497DN Datasheet HTML 11Page - Monolithic Power Systems MP2497DN Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP2497 – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497 Rev. 1.12
www.MonolithicPower.com
8
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
Main Control Loop
The MP2497 is a current mode buck regulator.
That is, the EA output voltage is proportional to
the peak inductor current.
At the beginning of a cycle SW is off; the Error
Amplifier output voltage is higher than the
Current Sense Amplifier output. The rising edge
of the 100kHz CLK signal sets the RS Flip-Flop.
Its output turns on SW thus connecting the SW
pin and inductor to the input supply.
The increasing inductor current is sensed and
amplified by the Current Sense Amplifier. Ramp
Compensation is summed to Current Sense
Amplifier output and compared to the Error
Amplifier output by the PWM Comparator.
When the Current Sense Amplifier plus Slope
Compensation
signal
exceeds
the
Error
Amplifier output voltage, the RS Flip-Flop is
reset and the MP2497 reverts to its initial SW
off state.
If the Current Sense Amplifier plus Slope
Compensation signal does not exceed the
COMP voltage, then the falling edge of the CLK
resets the Flip-Flop.
The output of the Error Amplifier integrates the
voltage difference between the feedback and
the reference. The polarity is such that an FB
pin voltage is lower than 0.8V increases the EA
output voltage. Since the EA output voltage is
proportional to the peak inductor current, an
increase in its voltage increases current
delivered to the output. An external Schottky
Diode (D1) carries the inductor current when
SW is off.
Hiccup Mode Current Limit Protection
The output current information for current limit
protection is sensed via the ISP and ISN pins.
The sense voltage limit threshold is set at
100mV. MP2497 has hiccup over current limit
function. Once the VSENSE exceeds the 100mV,
the current limit loop will turn off high side
switch immediately. Meanwhile, internal soft
start circuit will be reset after FB is lower than
0.3V, and then the high side switch turns on
and MP2497 restarts with a full soft start. This
hiccup process is repeated until the fault is
removed. And, current limit value can be
programmed to be lower by internal current
source and external resistors connected to ISN
and ISP pins, when output voltage is lower than
200mV. Then, the average short circuit current
can be greatly reduced.
Output Over Voltage Protection
The MP2497 has output over voltage protection.
The OVP reference 1.23V is on the positive
input of the OVP comparator. The output
voltage is fed to OVP pin through an external
resistor divider. If the voltage on OVP pin is
higher than 1.23V, the high side switch will be
turned off immediately and part will be lathed off
after a timer delay.
Output Line Drop Compensation
If the trace from MP2497 output terminator to
the load is too long, there will be a voltage drop
on the long trace which is variable with load
current. MP2497 is capable of compensating
the output voltage drop to keep a constant
voltage at load, whatever the load current is.
The output voltage is compensated by feeding
a current to the top feedback resistance R1.
The load line compensation gain can be
programmed according to RSENSE and RTRACE
(Figure 2) values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com