Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2497DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2497DN
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2497DN Datasheet HTML 1Page - Monolithic Power Systems MP2497DN Datasheet HTML 2Page - Monolithic Power Systems MP2497DN Datasheet HTML 3Page - Monolithic Power Systems MP2497DN Datasheet HTML 4Page - Monolithic Power Systems MP2497DN Datasheet HTML 5Page - Monolithic Power Systems MP2497DN Datasheet HTML 6Page - Monolithic Power Systems MP2497DN Datasheet HTML 7Page - Monolithic Power Systems MP2497DN Datasheet HTML 8Page - Monolithic Power Systems MP2497DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP2497 – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497 Rev. 1.12
www.MonolithicPower.com
4
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
VIN
Supply Voltage. The MP2497 operates from a +4.5V to +50V unregulated input. CIN is
needed to prevent large voltage spikes from appearing at the input. Put CIN as close to
the IC as possible. It is the drain of the internal power device and power supply for the
whole chip.
2
GND,
Exposed
Pad
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the D1 to CIN
ground path to prevent switching current spikes from inducing voltage noise into the part.
Connect exposed pad to GND plane for optimal thermal performance.
3
FB
Feedback. An external resistor divider from the output to GND tapped to the FB pin sets
the output voltage. To prevent current limit run away during a short circuit fault condition
the frequency-fold-back comparator lowers the oscillator frequency when the FB voltage
is below 250mV.
4
OVP
Output Over Voltage Protection. Connect OVP to the center point of an external resistor
divider from output to GND. The OVP reference is 1.23V.
5
ISN
Negative Current Sense Input. It is used for load current limiting and output line drop
compensation.
6
ISP
Positive Current Sense Input. It is used for load current limiting and output line drop
compensation.
7
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver. An on-chip regulator is used to charge up the external boot-strap
capacitor. If the on-chip regulator is not strong enough, one optional diode can be
connected from IN or OUT to charge the external boot-strap capacitor.
8
SW
Switch Output. It is the source of power device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com