Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S92 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP6S92
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S92 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP6S92 Datasheet HTML 24Page - Microchip Technology MCP6S92 Datasheet HTML 25Page - Microchip Technology MCP6S92 Datasheet HTML 26Page - Microchip Technology MCP6S92 Datasheet HTML 27Page - Microchip Technology MCP6S92 Datasheet HTML 28Page - Microchip Technology MCP6S92 Datasheet HTML 29Page - Microchip Technology MCP6S92 Datasheet HTML 30Page - Microchip Technology MCP6S92 Datasheet HTML 31Page - Microchip Technology MCP6S92 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 28
MCP6S91/2/3
6.3.2
SUPPLY BYPASS
Use a local bypass capacitor (0.01 µF to 0.1 µF) within
2mm of the VDD pin. It must connect directly to the
ground plane. A multi-layer ceramic chip capacitor, or
high-frequency equivalent, works best.
Use a bulk bypass capacitor (2.2 µF to 10 µF) within
100 mm of the VDD pin. It needs to connect to the
ground plane. A multi-layer ceramic chip capacitor,
tantalum or high-frequency equivalent, works best.
This capacitor may be shared with other nearby analog
parts.
6.3.3
INPUT SOURCE IMPEDANCE
The sources driving the inputs of the PGAs need to
have reasonably low source impedance at higher
frequencies. Figure 6-4 shows how the external source
impedance (RS), PGA package pin capacitance (CP1)
and PGA package pin-to-pin capacitance (CP2) form a
positive feedback voltage divider network. Feedback to
the selected channel may cause frequency response
peaking and step response overshoot and ringing.
Feedback to an unselected channel will produce
crosstalk.
FIGURE 6-4:
Positive Feedback Path.
Figure 2-6 shows the crosstalk (referred to input) that
results when a hostile signal is connected to CH1, input
CH0 is selected and RS is connected from CH0 to
GND. A gain of +32 was chosen for this plot because it
demonstrates the worst-case behavior. Increasing RS
increases the crosstalk as expected. At a source
impedance of 10 k
Ω, there is noticeable peaking in the
response; this is due to positive feedback.
Most designs should use a source resistance (RS) no
larger than 10 k
Ω. Careful attention to layout parasitics
and proper component selection will help minimize this
effect. When a source impedance larger than 10 k
Ω
must be used, place a capacitor in parallel to CP1 to
reduce the positive feedback. This capacitor needs to
be large enough to overcome gain (or crosstalk) peak-
ing, yet small enough to allow a reasonable signal
bandwidth.
6.3.4
SIGNAL COUPLING
The input pins of the MCP6S91/2/3 family of PGAs are
high-impedance. This makes them especially suscepti-
ble to capacitively-coupled noise. Using a ground plane
helps reduce this problem.
When noise is capacitively coupled, the ground plane
provides additional shunt capacitance to ground. When
noise is magnetically coupled, the ground plane
reduces the mutual inductance between traces.
Increasing the separation between traces makes a
significant difference.
Changing the direction of one of the traces can also
reduce magnetic coupling. It may help to locate guard
traces next to the victim trace. They should be on both
sides of, and as close as possible to, the victim trace.
Connect the guard traces to the ground plane at both
ends. Also connect long guard traces to the ground
plane in the middle.
6.3.5
HIGH-FREQUENCY ISSUES
Because the MCP6S91/2/3 PGAs’ frequency response
reaches unity gain at 64 MHz when G = 16 and 32, it is
important to use good PCB layout techniques. Any
parasitic-coupling at high-frequency
might cause
undesired peaking. Filtering high-frequency signals
(i.e., fast edge rates) can help. To minimize high-
frequency problems:
• Use complete ground and power planes
• Use HF, surface-mount components
• Provide clean supply voltages and bypassing
• Keep traces short and straight
• Try a linear power supply (e.g., a LDO)
VIN
MCP6S9X
VOUT
RS
CP1
CP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com