Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S92 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6S92
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S92 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6S92 Datasheet HTML 14Page - Microchip Technology MCP6S92 Datasheet HTML 15Page - Microchip Technology MCP6S92 Datasheet HTML 16Page - Microchip Technology MCP6S92 Datasheet HTML 17Page - Microchip Technology MCP6S92 Datasheet HTML 18Page - Microchip Technology MCP6S92 Datasheet HTML 19Page - Microchip Technology MCP6S92 Datasheet HTML 20Page - Microchip Technology MCP6S92 Datasheet HTML 21Page - Microchip Technology MCP6S92 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 18
MCP6S91/2/3
4.0
ANALOG FUNCTIONS
The MCP6S91/2/3 family of Programmable Gain
Amplifiers (PGA) is based on simple analog building
blocks (see Figure 4-1). Each of these blocks will be
explained in more detail in the following subsections.
FIGURE 4-1:
PGA Block Diagram.
4.1
Input MUX
The MCP6S91 has one input, while the MCP6S92 and
MCP6S93 have two inputs (see Figure 4-1).
For the lowest input current, float unused inputs. Tying
these pins to a voltage near the active channel’s bias
voltage also works well. For simplicity, they can be tied
to VSS or VDD, but the input current may increase.
The one-channel MCP6S91 has approximately the
same input bias current as the two-channel MCP6S92
and MCP6S93.
The input offset voltage mismatch between channels
(
∆V
OS) is, ideally, 0 µV. The input MUX uses CMOS
transmission gates that have drain-source (channel)
resistance, but no offset voltage. The histogram in
Figure 2-8 reflects the measurement repeatability
(i.e., noise power bandwidth) rather than the actual
mismatch. Reducing the measurement bandwidth will
produce a more narrow histogram and give an aver-
age closer to 0 µV.
4.2
Internal Op Amp
The internal op amp gives the right combination of
bandwidth, accuracy and flexibility.
4.2.1
COMPENSATION CAPACITORS
The internal op amp has three compensation capaci-
tors (comp. caps.) connected to a switching network.
They are selected to give good small-signal bandwidth
at high gains and good slew rates (full-power band-
width) at low gains. The change in bandwidth as gain
changes is between 2 and 12 MHz. Refer to Table 4-1
for more information.
TABLE 4-1:
GAIN VS. INTERNAL
COMPENSATION
CAPACITOR
4.2.2
RAIL-TO-RAIL CHANNEL INPUTS
The input stage of the internal op amp uses two differ-
ential input stages in parallel; one operates at low VIN
(input voltage), while the other operates at high VIN.
With this topology, the internal inputs can operate to
0.3V past either supply rail. The input offset voltage is
measured at both VIN =VSS – 0.3V and VDD + 0.3V to
ensure proper operation.
The transition between the two input stages occurs
when VIN ≈ VDD – 1.5V. For the best distortion and gain
linearity, avoid this region of operation.
MCP6S91 – One input (CH0), no SO pin
MCP6S92 – Two inputs (CH0, CH1), VREF tied
internally to VSS, no SO pin
MCP6S93 – Two inputs (CH0, CH1)
VOUT
VREF
VDD
CS
SI
SO
SCK
CH1
CH0
VSS
8
RF
RG
MUX
SPI™
Logic
Gain
Switches
Gain
(V/V)
Internal
Comp.
Cap.
GBWP
(MHz)
Typ.
SR
(V/µs)
Typ.
FPBW
(MHz)
Typ.
BW
(MHz)
Typ.
1
Large
12
4.0
0.30
12
2
Large
12
4.0
0.30
6
4Medium
20
11
0.70
10
5Medium
20
11
0.70
7
8
Medium
20
11
0.70
2.4
10
Medium
20
11
0.70
2.0
16
Small
64
22
1.6
5
32
Small
64
22
1.6
2.0
Note 1:
FPBW is the Full-Power Bandwidth.
These numbers are based on VDD =5.0V.
2:
No changes in DC performance
(e.g., VOS) accompany a change in
compensation capacitor.
3:
BW is the closed-loop, small signal -3 dB
bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com