Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S92 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6S92
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S92 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6S92 Datasheet HTML 25Page - Microchip Technology MCP6S92 Datasheet HTML 26Page - Microchip Technology MCP6S92 Datasheet HTML 27Page - Microchip Technology MCP6S92 Datasheet HTML 28Page - Microchip Technology MCP6S92 Datasheet HTML 29Page - Microchip Technology MCP6S92 Datasheet HTML 30Page - Microchip Technology MCP6S92 Datasheet HTML 31Page - Microchip Technology MCP6S92 Datasheet HTML 32Page - Microchip Technology MCP6S92 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 29
MCP6S91/2/3
6.4
Typical Applications
6.4.1
GAIN RANGING
Figure 6-5 shows a circuit that measures the current IX.
The circuit’s performance benefits from changing the
gain on the PGA. Just as a hand-held multimeter uses
different measurement ranges to obtain the best
results, this circuit makes it easy to set a high gain for
small signals and a low gain for large signals. As a
result, the required dynamic range at the PGA’s output
is less than at its input (by up to 30 dB).
FIGURE 6-5:
Wide Dynamic Range
Current Measurement Circuit.
6.4.2
SHIFTED GAIN RANGE PGA
Figure 6-6 shows a circuit using a MCP6291 at a gain
of +10 in front of a MCP6S91. This shifts the overall
gain range to +10 V/V to +320 V/V (from +1 V/V to
+32 V/V).
FIGURE 6-6:
PGA with Higher Gain
Range.
It is also easy to shift the gain range to lower gains (see
Figure 6-7). The MCP6291 acts as a unity gain buffer,
and the resistive voltage divider shifts the gain range
down to +0.1 V/V to +3.2 V/V (from +1 V/V to +32 V/V).
FIGURE 6-7:
PGA with Lower Gain
Range.
6.4.3
EXTENDED GAIN RANGE PGA
Figure 6-8 gives a +1 V/V to +1024 V/V gain range,
which is much greater than the range for a single PGA
(+1 V/V to +32 V/V). The first PGA provides input
multiplexing capability, while the second PGA only
needs one input. These devices can be daisy-chained
(Section 5.3 “Daisy-Chain Configuration”).
FIGURE 6-8:
PGA with Extended Gain
Range.
6.4.4
MULTIPLE SENSOR AMPLIFIER
The multiple-channel PGAs (MCP6S92 and MCP6S93)
allow the user to select which sensor appears on the
output (see Figure 6-9). These devices can also change
the gain to optimize performance for each sensor.
FIGURE 6-9:
PGA with Multiple Sensor
Inputs.
IX
VOUT
MCP6S9X
RS
VIN
VOUT
MCP6291
MCP6S91
1.11 k
Ω
10.0 k
Ω
VIN
MCP6291
1.11 k
Ω
10.0 k
Ω
VOUT
MCP6S91
VIN
VOUT
MCP6S92
MCP6S91
Sensor # 0
VOUT
MCP6S93
Sensor # 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com