Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2499DS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2499DS
Description  Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499DS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2499DS Datasheet HTML 4Page - Monolithic Power Systems MP2499DS Datasheet HTML 5Page - Monolithic Power Systems MP2499DS Datasheet HTML 6Page - Monolithic Power Systems MP2499DS Datasheet HTML 7Page - Monolithic Power Systems MP2499DS Datasheet HTML 8Page - Monolithic Power Systems MP2499DS Datasheet HTML 9Page - Monolithic Power Systems MP2499DS Datasheet HTML 10Page - Monolithic Power Systems MP2499DS Datasheet HTML 11Page - Monolithic Power Systems MP2499DS Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2499– INTEGRATED 100V LOAD DUMP PROTECTION, 2A STEP DOWN REGULATOR
MP2499 Rev. 0.91
www.MonolithicPower.com
10
11/24/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see the schematic on front
page). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Figure 1). Choose
R1 to be around 300kΩ for optimal transient
response. R2 is then given by:
1
V
8
.
0
V
1
R
2
R
OUT −
=
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.8
300 (1%)
240 (1%)
2.5
300 (1%)
141.1(1%)
3.3
300 (1%)
96 (1%)
5
300 (1%)
57.1 (1%)
Selecting the Inductor
A 33µH to 47µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be less than
200mΩ. For most designs, the inductance value
can be derived from the following equation.
SW
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
×
∆
×
−
×
=
Where ∆IL is the inductor ripple current.
Choose
inductor
current
ripple
to
be
approximately 30% of the maximum load
current,. The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
∆
+
=
Under light load conditions below 100mA, larger
inductance is recommended for improved
efficiency.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and also the switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the input source impedance to
prevent high frequency switching current from
pass to the input. Ceramic capacitors with X5R
or X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 220µF electrolytic capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps output voltage small
and ensures regulation loop stability. The
output capacitor impedance should be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.
Selecting D2 Diode
The D2 Zener diode voltage is a reference
voltage to control the clamp voltage of the OVP
protection during a surge condition to choose
the Zener voltage to be the same as the input
voltage to reduce any OVP protection losses.
Refer to the typical operation curve on page 6
titled “Clamp Voltage vs. VDD-VCTR” to make
sure the VDD voltage doesn’t exceed the
maximum input voltage, when a surge voltage
is applied to the OVP protection.
Selecting Soft Start Capacitor
MP2499 has external soft start function. This
external function reduces the start up current
surge into the output capacitor. This allows the
gradual built up of output voltage to its final set
value. The soft start time is decided by following
equation:
SS
SS
6
0.7 C
T
39 10−
×
=
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com