Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2499DS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2499DS
Description  Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499DS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2499DS Datasheet HTML 4Page - Monolithic Power Systems MP2499DS Datasheet HTML 5Page - Monolithic Power Systems MP2499DS Datasheet HTML 6Page - Monolithic Power Systems MP2499DS Datasheet HTML 7Page - Monolithic Power Systems MP2499DS Datasheet HTML 8Page - Monolithic Power Systems MP2499DS Datasheet HTML 9Page - Monolithic Power Systems MP2499DS Datasheet HTML 10Page - Monolithic Power Systems MP2499DS Datasheet HTML 11Page - Monolithic Power Systems MP2499DS Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP2499– INTEGRATED 100V LOAD DUMP PROTECTION, 2A STEP DOWN REGULATOR
MP2499 Rev. 0.91
www.MonolithicPower.com
11
11/24/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Output Current Sensing
The output current can be sensed through the
DC resistance (DCR) of the inductor, as shown
in Figure 2a.
In Figure 2a, the output current limit is set as:
ab
OUT
b
RR
100mV
I
DCR
R
+
=×
Where DCR is the DC resistance of the inductor
winding.
In Figure 2a, it is desirable to keep
ab
S
ab
RR
L1
C
R
R
DCR
⋅
×=
+
For more accurate sensing, use a more
accurate (1% or less) sense resistor, as in
Figure 2b, where the output current limit is set
as:
OUT
SENSE
100mV
I
R
=
Ra
Cs
Rb
RSENSE
L1
L1
DCR
VOUT
VOUT
COUT
COUT
SW
ISP
ISN
SW
ISP
ISN
(a)
(b)
Figure 2—Current Sensing Methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com