Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2499DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2499DS
Description  Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2499DS Datasheet HTML 1Page - Monolithic Power Systems MP2499DS Datasheet HTML 2Page - Monolithic Power Systems MP2499DS Datasheet HTML 3Page - Monolithic Power Systems MP2499DS Datasheet HTML 4Page - Monolithic Power Systems MP2499DS Datasheet HTML 5Page - Monolithic Power Systems MP2499DS Datasheet HTML 6Page - Monolithic Power Systems MP2499DS Datasheet HTML 7Page - Monolithic Power Systems MP2499DS Datasheet HTML 8Page - Monolithic Power Systems MP2499DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2499
Integrated 100V Load Dump Protection
2A, 100kHz Step Down Regulator with
Programmable Output Current
MP2499 Rev. 0.91
www.MonolithicPower.com
1
11/24/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2499 is a monolithic step-down switch
mode converter with a programmable output
current limit and an integrated input over-
voltage protection switch. It achieves 2.0A
continuous output current over a wide input
supply range with excellent load and line
regulation.
The
maximum
output
current
can
be
programmed by sensing current through the
inductor DC resistance (DCR) or an accurate
sense resistor.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP2499 can survive high-voltage transients
such as those found in automotive and industrial
applications.
The MP2499 requires a minimum number of
readily available standard external components.
The MP2499 is available in a 16-pin SOIC
package.
FEATURES
• Replaces External Transorb
• Supports 12V/24V Systems
• Input Surge Protection Up to 100V
• Programmable Output Current up to 2.0A
• Output Adjustable
• Fixed 100kHz Frequency
• 0.25Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• 92% Efficiency @ 500mA (Vo=5V)
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Available in a 16-Pin SOIC Package
APPLICATIONS
•
12V/24V Systems with High Input Surge
•
Automotive Cigarette Lighter Adapters
•
Power Supply for Linear Chargers
•
Industrial Power Supplies
•
Avionics
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2499DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2499M MPS-MP2499M Datasheet
1Mb / 18P
36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
MP2499MGQB MPS-MP2499MGQB Datasheet
1Mb / 18P
36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
MP2499MGQB MPS-MP2499MGQB Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
More results

Similar Description - MP2499DS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
18V 2A Step-Down Switching Regulator 2A Output Current
logo
Monolithic Power System...
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP2493 MPS-MP2493 Datasheet
1Mb / 12P
2A, 36V, Low EMI Step-Down Converter with Programmable Output Current Limit
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
2A, 55V, 100kHz Step-Down Converter
MP2495 MPS-MP2495 Datasheet
489Kb / 13P
Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
MP2497 MPS-MP2497 Datasheet
450Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2497-A MPS-MP2497-A Datasheet
606Kb / 14P
3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2498 MPS-MP2498 Datasheet
492Kb / 16P
Integrated 100V Load Dump Protection, 2A Step-Down Regulator
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com