Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2565 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2565
Description  2.5A, 4MHz, 50V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2565 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2565 Datasheet HTML 1Page - Monolithic Power Systems MP2565 Datasheet HTML 2Page - Monolithic Power Systems MP2565 Datasheet HTML 3Page - Monolithic Power Systems MP2565 Datasheet HTML 4Page - Monolithic Power Systems MP2565 Datasheet HTML 5Page - Monolithic Power Systems MP2565 Datasheet HTML 6Page - Monolithic Power Systems MP2565 Datasheet HTML 7Page - Monolithic Power Systems MP2565 Datasheet HTML 8Page - Monolithic Power Systems MP2565 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP2565 – 2.5A, 4MHz, 50V STEP-DOWN CONVERTER
MP2565 Rev. 0.91
www.MonolithicPower.com
2
4/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
For Tape & Reel, add suffix –Z (eg. MP2565DQ–Z); For RoHS Compliant Packaging, add suffix –LF ;
(eg. MP2565DQ–LF–Z)
For Tape & Reel, add suffix –Z (eg. MP2565DN–Z); For RoHS Compliant Packaging, add suffix –LF ;
(eg. MP2565DN–LF–Z)
PACKAGE REFERENCE
TOP VIEW
SW
SW
EN
COMP
FB
1
2
3
4
5
BST
VIN
VIN
FREQ
GND
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
SW
EN
COMP
FB
BST
VIN
FREQ
GND
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
CONNECT TO GND
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (VIN).....................–0.3V to +55V
Switch Voltage (VSW)...........................................
……………..–0.3V (-9V for <10ns) to VIN + 0.3V
BST to SW .....................................–0.3V to +6V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
3x3QFN10……………………………………2.5W
SOIC8………………………………………...2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65°C to +150
°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 50V
Output Voltage VOUT.........................0.8V to 47V
Operating Temperature............. –40
°C to +85°C
Thermal Resistance
(4)
θJA
θJC
3x3 QFN10..............................50 ...... 12 ...
°C/W
SOIC8 (Exposed Pad) ............50 ...... 10 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any
ambient
temperature
is
calculated
by
PD(MAX)=(TJ(MAX)-TA)/
θJA. Exceeding the maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage..
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.
Part Number*
Package
Top Marketing
Temperature
MP2565DQ
3x3 QFN10
8D
–40
°C to +85°C
MP2565DN
SOIC8E
MP2565DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com