Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2565 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2565
Description  2.5A, 4MHz, 50V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2565 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2565 Datasheet HTML 1Page - Monolithic Power Systems MP2565 Datasheet HTML 2Page - Monolithic Power Systems MP2565 Datasheet HTML 3Page - Monolithic Power Systems MP2565 Datasheet HTML 4Page - Monolithic Power Systems MP2565 Datasheet HTML 5Page - Monolithic Power Systems MP2565 Datasheet HTML 6Page - Monolithic Power Systems MP2565 Datasheet HTML 7Page - Monolithic Power Systems MP2565 Datasheet HTML 8Page - Monolithic Power Systems MP2565 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP2565
2.5A, 4MHz, 50V
Step-Down Converter
MP2565 Rev. 0.91
www.MonolithicPower.com
1
4/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2565 is a high frequency step-down
switching regulator with an integrated internal
high-side high voltage power MOSFET. It
provides 2.5A output with current mode control for
fast loop response and easy compensation.
The wide 4.5V to 50V input range accommodates
a variety of step-down applications, including
those in an automotive input environment. A 12µA
shutdown mode supply current allows use in
battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
By switching at 4MHz, the MP2565 is able to
prevent EMI (Electromagnetic Interference) noise
problems, such as those found in AM radio and
ADSL applications.
The MP2565 is available in small 3mm x 3mm
QFN10
and
thermally
enhanced
SOIC8
packages.
FEATURES
• 120µA Quiescent Current
• Wide 4.5V to 50V Operating Input Range
• 220mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching
Frequency
• High-Efficiency, Light-Load operation
• Stable with Ceramic Capacitor
• Internal Soft-Start
• Internally Set Current Limit without external
Current Sensing Resistor
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 47V
• Available in 3x3 QFN10 and Thermally
Enhanced SOIC8 Packages
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C1
10uF
C3
220pF
C6
NS
R2
R1
L1
C4
100nF
C2
22uF
D1
VOUT
3.3V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP2565
EN
R5
R4
R3
R6
6
10
1,2
5
4
8,9
3
7
0
0.5
1
1.5
2
2.5
IOUT (A)
40
50
60
70
80
90
100
Efficiency @VOUT=3.3V
fs=500kHz
VIN=24V
VIN=50V
VIN=8V
VIN=12V
VIN=36V


Similar Part No. - MP2565

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP256 RECTRON-MP256 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
39Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP256 GWSEMI-MP256 Datasheet
74Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
MP256 SHUNYE-MP256 Datasheet
199Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
158Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP2565

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
2.5A, 4MHz, 42V Step-Down Converter
MP2562 MPS-MP2562 Datasheet
617Kb / 20P
1A, 4MHz, 50V Step-Down Converter
MP4350 MPS-MP4350 Datasheet
455Kb / 14P
2.5A, 4MHz, 20V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Linear Technology
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com