Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2565 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2565
Description  2.5A, 4MHz, 50V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2565 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2565 Datasheet HTML 2Page - Monolithic Power Systems MP2565 Datasheet HTML 3Page - Monolithic Power Systems MP2565 Datasheet HTML 4Page - Monolithic Power Systems MP2565 Datasheet HTML 5Page - Monolithic Power Systems MP2565 Datasheet HTML 6Page - Monolithic Power Systems MP2565 Datasheet HTML 7Page - Monolithic Power Systems MP2565 Datasheet HTML 8Page - Monolithic Power Systems MP2565 Datasheet HTML 9Page - Monolithic Power Systems MP2565 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP2565 – 2.5A, 4MHz, 50V STEP-DOWN CONVERTER
MP2565 Rev. 0.91
www.MonolithicPower.com
6
4/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 5V, C1 = 10µF, C2 = 22µF, L1 = 10µH and TA = +25°C, unless otherwise noted.
1ms/div.
Startup
IOUT = 0.1A
1ms/div.
Shutdown
IOUT = 0.1A
1ms/div.
Startup
IOUT = 1A
Shutdown
IOUT = 1A
1ms/div.
Startup
IOUT = 2A
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
2A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
1A/div.
Short Circuit Entry
IOUT = 0.1A to Short
Short Circuit Recovery
IOUT = Short to 0.1A
Shutdown
IOUT = 2A
VOUT
2V/div.
IL
1A/div.
VOUT
2V/div.
IL
2A/div.
VSW
10V/div.
VEN
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com