Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2604 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2604
Description  Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2604 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2604 Datasheet HTML 1Page - Monolithic Power Systems MP2604 Datasheet HTML 2Page - Monolithic Power Systems MP2604 Datasheet HTML 3Page - Monolithic Power Systems MP2604 Datasheet HTML 4Page - Monolithic Power Systems MP2604 Datasheet HTML 5Page - Monolithic Power Systems MP2604 Datasheet HTML 6Page - Monolithic Power Systems MP2604 Datasheet HTML 7Page - Monolithic Power Systems MP2604 Datasheet HTML 8Page - Monolithic Power Systems MP2604 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2604 – SINGLE CELL 1A LINEAR LI-ION BATTERY CHARGER W/O TRICKLE CHARGE
MP2604 Rev. 1.2
www.MonolithicPower.com
2
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP2604DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2604DQ–Z)
For RoHS Compliant Packaging, add suffix –LF
(eg. MP2604DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND .................................... –0.3V to +28V
All Other Pins to GND................. –0.3V to +6.5V
Junction Temperature...............................140
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
Nominal Supply Voltage VIN............ 3.5V to 6.5V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
3x3 QFN10 ............................. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 5V, VEN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
EN
= High
40
Supply Current
ISUPPLY
EN
= Low, ICHG = 0A
500
µA
Battery Voltage Regulation
VBATT
T = –5°C to +75°C, IBATT = 0
4.158
4.20
4.242
V
Battery Over-Voltage
Protection
IBATT_OVP VBATT = 4.25V
0
µA
Constant Current Regulation
ICHG
VIN = 5V, VBATT = 3.8V
RCHG = 3.3kΩ
450
515
580
mA
Constant Current Variation
VIN = 5V, VBATT = 3.8V,
TJ = 0°C to +120°C,
RCHG = 1.6kΩΩ to 8.0kΩΩ
87
100
113
%ICHG
(4)
Battery Full Programming
Range
IBF
Refer to Operation section for
programming IBF
10
50
%ICHG
(4)
IBF Accuracy
75
125
%IBF
(5)
SS Pin Voltage
CSS = 0.1uF, VBATT = 3.6V
1.19
1.23
1.27
V
Input ACOK Up Range
6.8
7.0
7.2
V
Input ACOK Low Range
1.8
2.5
3.2
V
EN
Trip Threshold High
2.5
V
EN
Trip Threshold Low
0.4
V
Input Over Voltage Protection
OVP
VIN Rising
6.7
7
7.3
V
TOP VIEW
IN
CHG
ACOK
EN
NTC
1
2
3
4
5
BATT
ISET
IBF
SS
GND
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com