Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2604 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2604
Description  Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2604 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2604 Datasheet HTML 1Page - Monolithic Power Systems MP2604 Datasheet HTML 2Page - Monolithic Power Systems MP2604 Datasheet HTML 3Page - Monolithic Power Systems MP2604 Datasheet HTML 4Page - Monolithic Power Systems MP2604 Datasheet HTML 5Page - Monolithic Power Systems MP2604 Datasheet HTML 6Page - Monolithic Power Systems MP2604 Datasheet HTML 7Page - Monolithic Power Systems MP2604 Datasheet HTML 8Page - Monolithic Power Systems MP2604 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2604 – SINGLE CELL 1A LINEAR LI-ION BATTERY CHARGER W/O TRICKLE CHARGE
MP2604 Rev. 1.2
www.MonolithicPower.com
4
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, CIN = 10µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.
4.5
4.3
4.1
3.9
3.7
3.5
4.5
4.8
5.1
5.4
5.8
6.0
INPUT VOLTAGE (V)
Battery Voltage vs
Input Voltage
ICHG=0.43A
1100
900
700
500
300
100
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1
BATTERY VOLTAGE (V)
Charge Currents vs
Battery Voltage
1.0A
0.5A
0.2A
VIN
5V/div.
VBATT
2V/div.
IBATT
0.5A/div.
VEN
5V/div.
VIN
5V/div.
VBATT
2V/div.
IBATT
0.5A/div.
VEN
5V/div.
2ms/div.
1200
1000
800
600
400
200
0
4.3 4.4 4.5 4.6
4.8
4.7
4.9 5.0
INPUT VOLTAGE (V)
Charge Current vs
Input Voltage
16
14
12
10
8
6
4
2
0
0
200
400
600
800
1000
CHARGE CURRENT (mA)
Charge Current vs
RCHG Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com