Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2604 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2604
Description  Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2604 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2604 Datasheet HTML 2Page - Monolithic Power Systems MP2604 Datasheet HTML 3Page - Monolithic Power Systems MP2604 Datasheet HTML 4Page - Monolithic Power Systems MP2604 Datasheet HTML 5Page - Monolithic Power Systems MP2604 Datasheet HTML 6Page - Monolithic Power Systems MP2604 Datasheet HTML 7Page - Monolithic Power Systems MP2604 Datasheet HTML 8Page - Monolithic Power Systems MP2604 Datasheet HTML 9Page - Monolithic Power Systems MP2604 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP2604 – SINGLE CELL 1A LINEAR LI-ION BATTERY CHARGER W/O TRICKLE CHARGE
MP2604 Rev. 1.2
www.MonolithicPower.com
8
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Charge Status Indicator ( CHG )
The MP2604 has an integrated charge status
pin that remains low while the battery is
charging. Once the charge current has reduced
to the battery full charge current threshold (IBF),
the CHG pin will become high impedance.
Under full charge conditions, certain systems
may draw a very narrow current pulse that
exceeds the IBF threshold. The
CHG indicator
may glitch. It is desirable to blank the
CHG glitch so that the system can properly
indicate full charge conditions to the end user.
A simple solution is to add a RC filter on the
CHG pin to filter out the possible CHG glitch,
as shown in Figure 5.
Negative Thermal Coefficient (NTC)
Thermistor
The MP2604 has a built-in NTC resistance
window comparator. If configured as the typical
application circuit as indicated in Figure 1, the
MP2604 will cease charging if RNTC<32.3kΩ or
RNTC>376.6kΩ. This represents a valid charging
temperature range of 0°C to 50°C for the
TH11-4H104F NTC resistor including threshold
vs. input voltage.
Thermal Protection
The MP2604 has proprietary thermal protection
to prevent the IC from overheating. When in
thermal protection mode, the charge current
becomes a saw-tooth waveform instead of a
DC current. The average current of the saw-
tooth waveform will be lower than the
programmed DC charge current to prevent the
IC from overheating. The frequency and
amplitude of the saw-tooth current waveform
can be altered by changing the capacitance
value connected to the SS pin. Operating in
thermal protection mode will slow down the
charging process. Lowering the input voltage
and enhancing thermal dissipation to the
environment can effectively prevent the IC from
going into thermal protection mode.
BATT
ISET
IBF
SS
GND
10
9
8
7
6
IN
CHG
ACOK
EN
NTC
1
2
3
4
5
VIN
GND
CHG
ACOK
EN
NTC
Figure 5—Filtered Charge Status with GPIO Connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com