Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2611GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2611GL
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2611GL Datasheet HTML 1Page - Monolithic Power Systems MP2611GL Datasheet HTML 2Page - Monolithic Power Systems MP2611GL Datasheet HTML 3Page - Monolithic Power Systems MP2611GL Datasheet HTML 4Page - Monolithic Power Systems MP2611GL Datasheet HTML 5Page - Monolithic Power Systems MP2611GL Datasheet HTML 6Page - Monolithic Power Systems MP2611GL Datasheet HTML 7Page - Monolithic Power Systems MP2611GL Datasheet HTML 8Page - Monolithic Power Systems MP2611GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
4
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN
(5) = 5V, TA= 25°C, Unless Otherwise Noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
VIN Min Head-room (Reverse Blocking)
VIN-VBATT
200
mV
CSP, BATT Current
ICSP,IBATT
Charging Disabled
1
µA
Protection
Trickle-Charge Time
CTMR=0.1µF
30
min
Total Charge Time
CTMR=0.1µF
180
min
NTC High Temp. Rising Threshold
VTH_High RNTC=NCP18XH103,50°C
30
32
34
%VREF33
NTC Low Temp. Falling Threshold
VTH_Low
RNTC=NCP18XH103, 0°C
72
74
76
%VREF33
Thermal Shutdown
(6)
TSHTDWN
150
°C
EN Logic
EN
Input Low Voltage
0.8
V
EN
Input High Voltage
1.2
V
EN
=4V
4
EN
Input Current
EN
=0V
0.2
μA
VREF33 Output Voltage
VVREF33
3.23
3.3
3.37
V
VREF33 Load Regulation
∆VVREF33
ILOAD=0 to 20mA
0.2
V
Notes:
5) VIN represents VACIN or VUSBIN which depends on the input mode. The following is the same.
6) Guaranteed by design..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com