Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2611GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2611GL
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2611GL Datasheet HTML 12Page - Monolithic Power Systems MP2611GL Datasheet HTML 13Page - Monolithic Power Systems MP2611GL Datasheet HTML 14Page - Monolithic Power Systems MP2611GL Datasheet HTML 15Page - Monolithic Power Systems MP2611GL Datasheet HTML 16Page - Monolithic Power Systems MP2611GL Datasheet HTML 17Page - Monolithic Power Systems MP2611GL Datasheet HTML 18Page - Monolithic Power Systems MP2611GL Datasheet HTML 19Page - Monolithic Power Systems MP2611GL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
16
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Charge Current in AC Mode
In AC mode, RS1 sets the charge current (ICHG)
of the MP2611 (see Typical Application). The
equation to determine the programmable CC-
charge is as follows:
(A)
)
RS1(m
100mV
I
CC
Ω
=
(1)
Assume ICC=2A, thus: RS1=50mΩ.
For either AC mode or USB mode, the trickle
charge current is given by the following equation:
(A)
)
RS1(m
10mV
10%I
I
CC
TC
Ω
=
=
(2)
Setting the USB Input Current Limit
In USB supply mode, connect a resistor from the
USBM pin to AGND to program the input current
limit for different USB ports. The relationship
between the input current limit and setting
resistor is as following:
(mA)
)
(k
R
37000
I
ILIM
USB_LIM
Ω
=
(3)
Where RILIM is greater than 18.5kΩ so that IUSB_LIM
is in the range of 0A to 2A. If using a resistor
smaller than 18.5kΩ, the MP2611 suppresses
IUSB_LIM to a value less than 2A. For most
applications, use a 45.3kΩ RILIM (IUSB_LIM=900mA)
for USB3.0 mode, and use a 82.5kΩ RILIM
(IUSB_LIM=500mA) for USB2.0 mode.
Note that in USB mode, the MP2611 doesn’t
monitor the charge current through RS1 during
CC charge phase, but regulates the input current
constant at the limitation value IUSB_LIM. Thus the
CC charge current varies with different input and
battery voltages. Figure 5 shows the charge
current
vs.
battery
voltage
curve
when
VUSBIN=5.5V.
The maximum CC charge value can be
calculated as:
(A)
V
η
I
V
I
TC
USB_LIM
USBIN
CC_MAX
⋅
⋅
=
(4)
Where VTC is trickle charge threshold (3V) and η
is
the
current
charge
efficiency.
Assume
VUSBIN=5.5V, IUSB_LIM=1.5A , η =83%, thus
ICC_MAX= 2.28A.
Figure 5: ICHG Variation with VUSBIN=5.5V
For certain battery packs, the CC charge current
should never go too high so set the IUSB_LIM based
on the ICC_MAX.
Selecting the Inductor
Inductor selection trades off between cost, size,
and efficiency. A lower inductance value
corresponds with smaller size, but results in
higher ripple currents, higher magnetic hysteretic
losses, and higher output capacitances. However,
a higher inductance value benefits from lower
ripple current and smaller output filter capacitors,
but results in higher inductor DC resistance (DCR)
loss. From a practical standpoint, the inductor
ripple current does not exceed 15% of the
maximum charge current under worst cases. For
a MP2611 with a typical 5V input voltage, the
maximum inductor current ripple occurs at the
corner point between trickle charge and CC
charge
(VBATT=3V).
Estimate
the
required
inductance as:
S
IN
BATT
L_MAX
BATT
IN
f
V
V
ΔI
V
-
V
L
⋅
=
(5)
Where VIN, VBATT, and fS are the typical input
voltage, the CC charge threshold, and the
switching frequency, respectively.
L_MAX
ΔI
is the
maximum inductor ripple current ,which is usually
15% of the CC charge current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com