Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2611GL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2611GL
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611GL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2611GL Datasheet HTML 6Page - Monolithic Power Systems MP2611GL Datasheet HTML 7Page - Monolithic Power Systems MP2611GL Datasheet HTML 8Page - Monolithic Power Systems MP2611GL Datasheet HTML 9Page - Monolithic Power Systems MP2611GL Datasheet HTML 10Page - Monolithic Power Systems MP2611GL Datasheet HTML 11Page - Monolithic Power Systems MP2611GL Datasheet HTML 12Page - Monolithic Power Systems MP2611GL Datasheet HTML 13Page - Monolithic Power Systems MP2611GL Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
10
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
ACIN
AC Adapter Power Input. Bypass ACIN to PGND with at least a 4.7μF ceramic capacitor
when the pin is not applied for powering.
2
PGND
Power Ground. Voltage reference for the regulated output voltage: Take extra care with
its layout. Place this node should be placed outside of the switching diode (SW-pin) to the
input ground path to prevent switching current spikes from inducing voltage noise into the
part.
3
SW
Switch Output. Connect to the switched side of the external inductor.
4
USBIN
USB Power Input. Bypass USBIN to PGND with at least a 4.7μF ceramic capacitor when
the pin is not applied for powering.
5
AGND
Analog Ground.
6
VREF33 Internal Linear Regulator Reference Output. Powered from ACIN or USBIN.
7
USBM
USB Input Current-Limit Set. Connect a resistor from this pin to AGND to program the
USB mode input current limit.
8
BATT
Positive Battery Terminal.
9
CSP
Battery Current Sense Positive Input. Connect resistor RS1 between CSP and BATT to
sense the charge current.
10
EN
On/Off Control Input.
11
STAT1
12
STAT2
Charging Status Indicator: 1. Charging; 2. End of charge; 3. Charging Suspended;
4. Fault; 5. Invalid Input Supply.
13
NTC
Thermistor Input. Connect a resistor from this pin to the VREF33 and the thermistor from
this pin to AGND.
14
TMR
Internal Safety Timer Control. Connect a capacitor from this node to AGND to set the
timer. And the timer can be disabled by connecting this pin to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com