Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP20H60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20H60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP20H60DF Datasheet HTML 3Page - STMicroelectronics STGP20H60DF Datasheet HTML 4Page - STMicroelectronics STGP20H60DF Datasheet HTML 5Page - STMicroelectronics STGP20H60DF Datasheet HTML 6Page - STMicroelectronics STGP20H60DF Datasheet HTML 7Page - STMicroelectronics STGP20H60DF Datasheet HTML 8Page - STMicroelectronics STGP20H60DF Datasheet HTML 9Page - STMicroelectronics STGP20H60DF Datasheet HTML 10Page - STMicroelectronics STGP20H60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID023740 Rev 4
7/22
STGB20H60DF, STGF20H60DF, STGP20H60DF
Electrical characteristics
2.1
Electrical characteristics (curves)
Figure 2. Output characteristics (TJ = 25°C)
Figure 3. Output characteristics (TJ = 175°C)
Figure 4. Transfer characteristics
Figure 5. Normalized VGE(th) vs junction
temperature
9 V
IC
60
40
20
0
02
VCE(V)
4
(A)
13
80
100
15 V
13 V
11 V
AM16287v1
9 V
7 V
15 V
IC
60
40
20
0
02
VCE(V)
4
(A)
13
80
100
13 V
11 V
AM16288v1
25 °C
IC
60
40
20
0
79
VGE(V)
11
(A)
810
80
100
175 °C
-40 °C
VCE= 5 V
AM16289v1
VCE= VGE
IC = 1 mA
VGE(th)
0.9
0.8
0.7
0.6
-75
25
TJ(°C)
125
(norm)
-25
75
1
AM16292v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com