Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP20H60DF Datasheet(PDF) 19 Page - STMicroelectronics

Part # STGP20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20H60DF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STGP20H60DF Datasheet HTML 14Page - STMicroelectronics STGP20H60DF Datasheet HTML 15Page - STMicroelectronics STGP20H60DF Datasheet HTML 16Page - STMicroelectronics STGP20H60DF Datasheet HTML 17Page - STMicroelectronics STGP20H60DF Datasheet HTML 18Page - STMicroelectronics STGP20H60DF Datasheet HTML 19Page - STMicroelectronics STGP20H60DF Datasheet HTML 20Page - STMicroelectronics STGP20H60DF Datasheet HTML 21Page - STMicroelectronics STGP20H60DF Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DocID023740 Rev 4
19/22
STGB20H60DF, STGF20H60DF, STGP20H60DF
Packaging mechanical data
5
Packaging mechanical data
Table 12. D²PAK tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
10.5
10.7
A
330
B0
15.7
15.9
B
1.5
D
1.5
1.6
C
12.8
13.2
D1
1.59
1.61
D
20.2
E
1.65
1.85
G
24.4
26.4
F
11.4
11.6
N
100
K0
4.8
5.0
T
30.4
P0
3.9
4.1
P1
11.9
12.1
Base qty
1000
P2
1.9
2.1
Bulk qty
1000
R50
T0.25
0.35
W23.7
24.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com