Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP20H60DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGP20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20H60DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGP20H60DF Datasheet HTML 5Page - STMicroelectronics STGP20H60DF Datasheet HTML 6Page - STMicroelectronics STGP20H60DF Datasheet HTML 7Page - STMicroelectronics STGP20H60DF Datasheet HTML 8Page - STMicroelectronics STGP20H60DF Datasheet HTML 9Page - STMicroelectronics STGP20H60DF Datasheet HTML 10Page - STMicroelectronics STGP20H60DF Datasheet HTML 11Page - STMicroelectronics STGP20H60DF Datasheet HTML 12Page - STMicroelectronics STGP20H60DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DocID023740 Rev 4
9/22
STGB20H60DF, STGF20H60DF, STGP20H60DF
Electrical characteristics
Figure 12. VCE(sat) vs. junction temperature
Figure 13. VCE(sat) vs. collector current
Figure 14. Forward bias safe operating area for
D2PAK and TO-220
Figure 15. Thermal impedance for D2PAK and
TO-220
Figure 16. Forward bias safe operating area for
TO-220FP
Figure 17. Thermal impedance for TO-220FP
VCE(sat)
1.9
1.7
1.5
1.3
-75
25
TJ(°C)
125
(V)
-25
75
2.1
2.3
IC= 40 A
VGE= 15 V
IC= 20 A
IC= 10 A
AM16290V1
VCE(sat)
2.2
1.8
1.4
1.0
020
IC(A)
(V)
10
30
VGE= 15 V
TJ = 175 °C
TJ = -40 °C
TJ = 25 °C
AM16291V1
(single pulse TC=25°C,
TJ<=175°C; VGE=15V)
IC
10
1
0.1
1
100
VCE(V)
(A)
10
1 ms
100 µs
AM16280V1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
ZthTO2T_B
IC
10
1
0.1
1
100
VCE(V)
(A)
10
1 ms
100 µs
1 µs
(single pulse TC=25°C,
TJ<=175°C; VGE=15V)
AM16283V1
Zth=k Rthj-c
δ=tp/τ
tp
τ
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-3
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
ZthTOF2T_B
10
-2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com