Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC20MC0950KBA Datasheet(PDF) 2 Page - AVX Corporation

Part # VC20MC0950KBA
Description  Medium Power Multilayer Chip Varistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20MC0950KBA Datasheet(HTML) 2 Page - AVX Corporation

  VC20MC0950KBA Datasheet HTML 1Page - AVX Corporation VC20MC0950KBA Datasheet HTML 2Page - AVX Corporation VC20MC0950KBA Datasheet HTML 3Page - AVX Corporation VC20MC0950KBA Datasheet HTML 4Page - AVX Corporation VC20MC0950KBA Datasheet HTML 5Page - AVX Corporation VC20MC0950KBA Datasheet HTML 6Page - AVX Corporation VC20MC0950KBA Datasheet HTML 7Page - AVX Corporation VC20MC0950KBA Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
12
Medium Power MLV (VC13, 14, 15, 20)
Medium Power Multilayer Chip Varistor
Transient Voltage Suppression, ESD Protection Devices & EMI Devices
FEATURES
• Plated Ni Barrier Terminations
• Bi-Directional Protection
• Fast Turn-On Time
• Multiple Strike Capability
• Provides EMC Capacitance
• 1210 EIA Case Size
TARGET APPLICATIONS
Consumer Electronic Products
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +125ºC
Operating Temperature: -55ºC to +125ºC
10%
8%
6%
4%
2%
0%
-2%
0
100
200
Number of Strikes
300
400
500
VJ13MC0180K
VJ13PC0300K
VJ13MC0260K
VJ13PC0480K
VJ13MC0600K
VJ13MC0180K
VJ13MC0260K
VJ13PC0300K
VJ13MC0480K
VJ13MC0600K
300
250
200
150
100
50
0
1E-06 1E-05 0.0001 0.001 0.01
I (A)
0.1
1
10
100 1000
STANDARD SERIES - VJ13 (1210)
PULSE DEGRADATION
CAP VS FREQ CHARACTERISTICS
PART NUMBERS
VJ13MC0180K
VJ13PC0300K
VJ13MC0600K
100
80
60
40
20
0
-20
020
40
60
Frequency (MHz)
80
100
V/I CHARACTERISTICS
Part Number
Operating
Vnominal
Vclamp
Energy
Max. Peak
Typical CAP
Voltage
At 1mA DC
(8x20µs)
(10x1000µs)
Current
(1kHz/.5Vrms)
(8x20µs)
Vdc
min
Nom
max
Vp
Ip(A)
J
A
pF
VJ13MC0180KBA
18
21.5
24
26.5
45
10
1.5
500
3000
VJ13MC0260KBA
26
29.7
33
36.3
62
10
1.2
300
1120
VJ13MC0300KBA
30
35
39
43
73
10
0.9
220
1020
VJ13PC0300KBA
30
35
39
43
73
10
1.2
280
1150
VJ13MC0480KBA
48
54.5
60.5
66.5
110
10
0.9
220
800
VJ13PC0480KBA
48
54.5
60.5
66.5
110
10
1.2
250
840
VJ13MC0600KBA
60
67
75
83
126
10
1.5
250
600
Repetitive Peak Current Strikes
I/V Characteristics: 1210 Size
Capacitance/Frequency Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com