Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC20MC0950KBA Datasheet(PDF) 1 Page - AVX Corporation

Part # VC20MC0950KBA
Description  Medium Power Multilayer Chip Varistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20MC0950KBA Datasheet(HTML) 1 Page - AVX Corporation

  VC20MC0950KBA Datasheet HTML 1Page - AVX Corporation VC20MC0950KBA Datasheet HTML 2Page - AVX Corporation VC20MC0950KBA Datasheet HTML 3Page - AVX Corporation VC20MC0950KBA Datasheet HTML 4Page - AVX Corporation VC20MC0950KBA Datasheet HTML 5Page - AVX Corporation VC20MC0950KBA Datasheet HTML 6Page - AVX Corporation VC20MC0950KBA Datasheet HTML 7Page - AVX Corporation VC20MC0950KBA Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11
VC
14
M
T
0950
K
BA
Varistor Series
Chip Size
Code
Series Code
AC Operating
1mA Voltage
Packaging
VC = Unplated
20 = 1206
M = Standard
A = Automotive
Voltage
Tolerance
BA = Tape & Reel
VJ = Plated
13 = 1210
P = Pro Grade
T = Telecom
K = ±10%
VC20: 4000 pcs/reel
14 = 1812
C = Standard
VC13: 2000 pcs/reel
15 = 2220
VC14: 1500 pcs/reel
VC15: 1250 pcs/reel
Medium Power MLV (VC13, 14, 15, 20)
Medium Power Multilayer Chip Varistor
Transient Voltage Suppression, ESD Protection Devices & EMI Devices
GENERAL DESCRIPTION
AVX’s Transient Voltage Suppression (TVS) devices address
six trends in today’s electronic circuits: (1) mandatory ESD
protection, (2) mandatory EMI control, (3) signal integrity
improvement, (4) PCB downsizing, (5) reduced component
placement costs, and (6) protection form induced slow
speed transient voltages and currents.
AVX’s Medium Power Multilayer Varistors include 3 series of
products as listed below:
• Standard 1210 Series (VJ13)
• Telecom Series (VC14)
• Automotive Range (VC13, 14, 15, 20)
TYPICAL APPLICATIONS
Mainly used to reduce transient over-voltages in a very wide range of electronic products. Some example applications are
1) Telecom, 2) Automotive, 3) Consumer Electronics, and 4) Industrial Applications.
PHYSICAL DIMENSIONS: mm (inches)
Type
IEC Size
L
l
bm
t max
VC20
1206
3.20±0.20
1.60±0.20
0.50±0.25
1.70
(0.126±0.008)
(0.063±0.008)
(0.020±0.010)
(0.067)
VC13
1210
3.20±0.20
2.50±0.20
0.50±0.25
1.70
(0.126±0.008)
(0.098±0.008)
(0.020±0.010)
(0.067)
VC14
1812
4.50±0.20
3.20±0.20
0.50±0.25
1.70
(0.177±0.008)
(0.126±0.008)
(0.020±0.010)
(0.067)
VC15
2220
5.70±0.20
5.00±0.20
0.50±0.25
1.70
(0.224±0.008)
(0.197±0.008)
(0.020±0.010)
(0.067)
PART NUMBERING
L
t
I
bm


Similar Part No. - VC20MC0950KBA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC20MC0950KBA AVX-VC20MC0950KBA Datasheet
309Kb / 9P
Medium Power Multilayer Chip Varistor
VC20MC0950KBA AVX-VC20MC0950KBA Datasheet
1Mb / 12P
Transient Voltage Suppression, ESD Protection Devices & EMI Devices
More results

Similar Description - VC20MC0950KBA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ15MA0340KBA AVX-VJ15MA0340KBA Datasheet
309Kb / 9P
Medium Power Multilayer Chip Varistor
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.24.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0603-180 ABRACON-AMCV-0603-180 Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H-140-T ABRACON-AMCV-1210H-140-T Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.24.12
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com