Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC20MC0950KBA Datasheet(PDF) 4 Page - AVX Corporation

Part # VC20MC0950KBA
Description  Medium Power Multilayer Chip Varistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20MC0950KBA Datasheet(HTML) 4 Page - AVX Corporation

  VC20MC0950KBA Datasheet HTML 1Page - AVX Corporation VC20MC0950KBA Datasheet HTML 2Page - AVX Corporation VC20MC0950KBA Datasheet HTML 3Page - AVX Corporation VC20MC0950KBA Datasheet HTML 4Page - AVX Corporation VC20MC0950KBA Datasheet HTML 5Page - AVX Corporation VC20MC0950KBA Datasheet HTML 6Page - AVX Corporation VC20MC0950KBA Datasheet HTML 7Page - AVX Corporation VC20MC0950KBA Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
14
Medium Power MLV (VC13, 14, 15, 20)
Medium Power Multilayer Chip Varistor
Transient Voltage Suppression, ESD Protection Devices & EMI Devices
TELECOM SERIES - VC14 (1812)
FEATURES
• Pd/Ag Terminations
• High Energy Ratings (up to 6 Joules with 1812 case)
• Multiple Strike Capability
• Provides EMC Capacitance
• Effective Alternative to Leaded MOVs between 60-90Vrms
• Specified in accordance to CCITT 10/700ms Pulse test
CCITT 10x700µs TEST
A test pulse of 10x700µs duration as specified by CCITT or
IEC 61000-4-5 is often used to check the interference
immunity of telecom equipment.
The curves show that the 60Vrms varistor can reduce the
interference voltage at the equipment connected from 2kV
to less than 200V.
TARGET APPLICATIONS
• Phone Lines, ADSL Lines, and other Telecom Circuits
• Consumer Products
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +125ºC
Operating Temperature: -55ºC to +125ºC
60Vrms
95Vrms
10%
8%
6%
4%
2%
0%
1
10
100
Pulses
1000
With a 60Vrms Telecom Varistor
(Protection level <200V)
Without Varistor
(Open-circuit voltage)
2000
1500
1000
500
0
0
0.2
0.4
0.6
0.8
Time (ms)
1
1.2
1.4
1.6
Ten pulses with a duration of 10x700µs applied at one
minute intervals are specified for telecom equipment.
The curves show the V1mA drift when more than 10 pulses
are applied.
PART NUMBERS
Part Number
Operating
Vclamp
Energy
Max Ipeak
Mean
CCITT
Typical
Voltage
(8x20µs)
(10x1000µs)
(8x20µs)
Power
10Pulse
Cap
1 Surge
Dissipation
(10x700µs)
Vrms
Vdc
Vp
Ip
J
Ip (A)
W
V
pF
VC14MT0600KBA
60
85
200
45
6
400
0.015
2000
400
VC14MT0950KBA
95
125
270
45
5
250
0.015
2000
250
10/700 Pulse Test Capability
Typical V1mA Drift
10/700 Telecom Test Pulse Wave-Form



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com