Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4550ESOSQTP Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 29Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 30Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 31Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 32Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 33Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 34Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 35Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 36Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 31
PIC18F2455/2550/4455/4550
20 MHz
÷5 (100)
HS, EC, ECIO
None (00)20 MHz
÷2 (01)10 MHz
÷3 (10)6.67 MHz
÷4 (11)5 MHz
HSPLL, ECPLL, ECPIO
÷2 (00)48 MHz
÷3 (01)32 MHz
÷4 (10)
24 MHz
÷6 (11)16 MHz
16 MHz
÷4 (011)
HS, EC, ECIO
None (00)16 MHz
÷2 (01)8 MHz
÷3 (10)5.33 MHz
÷4 (11)4 MHz
HSPLL, ECPLL, ECPIO
÷2 (00)48 MHz
÷3 (01)32 MHz
÷4 (10)
24 MHz
÷6 (11)16 MHz
12 MHz
÷3 (010)
HS, EC, ECIO
None (00)12 MHz
÷2 (01)6 MHz
÷3 (10)4 MHz
÷4 (11)3 MHz
HSPLL, ECPLL, ECPIO
÷2 (00)48 MHz
÷3 (01)32 MHz
÷4 (10)
24 MHz
÷6 (11)16 MHz
8MHz
÷2 (001)
HS, EC, ECIO
None (00)8 MHz
÷2 (01)4 MHz
÷3 (10)2.67 MHz
÷4 (11)2 MHz
HSPLL, ECPLL, ECPIO
÷2 (00)48 MHz
÷3 (01)32 MHz
÷4 (10)
24 MHz
÷6 (11)16 MHz
4MHz
÷1 (000)
XT, HS, EC, ECIO
None (00)4 MHz
÷2 (01)2 MHz
÷3 (10)1.33 MHz
÷4 (11)1 MHz
HSPLL, ECPLL, XTPLL,
ECPIO
÷2 (00)48 MHz
÷3 (01)32 MHz
÷4 (10)
24 MHz
÷6 (11)16 MHz
TABLE 2-3:
OSCILLATOR CONFIGURATION OPTIONS FOR USB OPERATION (CONTINUED)
Input Oscillator
Frequency
PLL Division
(PLLDIV2:PLLDIV0)
Clock Mode
(FOSC3:FOSC0)
MCU Clock Division
(CPUDIV1:CPUDIV0)
Microcontroller
Clock Frequency
Legend:
All clock frequencies, except 24 MHz, are exclusively associated with full-speed USB operation (USB clock of 48 MHz).
Bold is used to highlight clock selections that are compatible with low-speed USB operation (system clock of 24 MHz,
USB clock of 6 MHz).
Note 1:
Only valid when the USBDIV Configuration bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com