Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4550ESOSQTP Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 69Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 70Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 71Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 72Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 73Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 74Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 75Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 76Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 71
PIC18F2455/2550/4455/4550
EEADR
EEPROM Address Register
0000 0000
55, 91
EEDATA
EEPROM Data Register
0000 0000
55, 91
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
55, 82
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
55, 83
IPR2
OSCFIP
CMIP
USBIP
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
1111 1111
56, 109
PIR2
OSCFIF
CMIF
USBIF
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
0000 0000
56, 105
PIE2
OSCFIE
CMIE
USBIE
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
0000 0000
56, 107
IPR1
SPPIP(3)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
56, 108
PIR1
SPPIF(3)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
56, 104
PIE1
SPPIE(3)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
56, 106
OSCTUNE
INTSRC
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
0--0 0000
56, 28
TRISE(3)
—
—
—
—
—
TRISE2
TRISE1
TRISE0
---- -111
56, 126
TRISD(3)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
1111 1111
56, 124
TRISC
TRISC7
TRISC6
—
—
—
TRISC2
TRISC1
TRISC0
11-- -111
56, 121
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
56, 118
TRISA
—
TRISA6(4)
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
-111 1111
56, 115
LATE(3)
—
—
—
—
—
LATE2
LATE1
LATE0
---- -xxx
56, 126
LATD(3)
LATD7
LATD6
LATD5
LATD4
LATD3
LATD2
LATD1
LATD0
xxxx xxxx
56, 124
LATC
LATC7
LATC6
—
—
—
LATC2
LATC1
LATC0
xx-- -xxx
56, 121
LATB
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
xxxx xxxx
56, 118
LATA
—LATA6(4)
LATA5
LATA4
LATA3
LATA2
LATA1
LATA0
-xxx xxxx
56, 115
PORTE
RDPU(3)
—
—
—RE3(5)
RE2(3)
RE1(3)
RE0(3)
0--- x000
56, 125
PORTD(3)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
56, 124
PORTC
RC7
RC6
RC5(6)
RC4(6)
—
RC2
RC1
RC0
xxxx -xxx
56, 121
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
56, 118
PORTA
—RA6(4)
RA5
RA4
RA3
RA2
RA1
RA0
-x0x 0000
56, 115
UEP15
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP14
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP13
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP12
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP11
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP10
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP9
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP8
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP7
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP6
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP5
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP4
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP3
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP2
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP1
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
UEP0
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
57, 172
TABLE 5-2:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page
Legend:
x = unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented, read as ‘0’.
Note
1:
Bit 21 of the TBLPTRU allows access to the device Configuration bits.
2:
The SBOREN bit is only available when BOREN<1:0> = 01; otherwise, the bit reads as ‘0’.
3:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
4:
RA6 is configured as a port pin based on various primary oscillator modes. When the port pin is disabled, all of the associated bits read ‘0’.
5:
RE3 is only available as a port pin when the MCLRE Configuration bit is clear; otherwise, the bit reads as ‘0’.
6:
RC5 and RC4 are only available as port pins when the USB module is disabled (UCON<3> = 0).
7:
I2C™ Slave mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com