Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4550ESOSQTP Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 56Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 57Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 58Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 59Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 60Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 55
PIC18F2455/2550/4455/4550
CCPR1H
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
2455 2550 4455 4550
--00 0000
--00 0000
--uu uuuu
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
CCPR2H
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
2455 2550 4455 4550
--00 0000
--00 0000
--uu uuuu
BAUDCON
2455 2550 4455 4550
0100 0-00
0100 0-00
uuuu u-uu
ECCP1DEL
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
ECCP1AS
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
CVRCON
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
CMCON
2455 2550 4455 4550
0000 0111
0000 0111
uuuu uuuu
TMR3H
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
2455 2550 4455 4550
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
2455 2550 4455 4550
0000 0000
uuuu uuuu
uuuu uuuu
SPBRGH
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
SPBRG
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
RCREG
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
TXREG
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
TXSTA
2455 2550 4455 4550
0000 0010
0000 0010
uuuu uuuu
RCSTA
2455 2550 4455 4550
0000 000x
0000 000x
uuuu uuuu
EEADR
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
EEDATA
2455 2550 4455 4550
0000 0000
0000 0000
uuuu uuuu
EECON2
2455 2550 4455 4550
0000 0000
0000 0000
0000 0000
EECON1
2455 2550 4455 4550
xx-0 x000
uu-0 u000
uu-0 u000
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
4:
See Table 4-3 for Reset value for specific condition.
5:
PORTA<6>, LATA<6> and TRISA<6> are enabled depending on the oscillator mode selected. When not
enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com