Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3202 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3202
Description  1.3A Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3202 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3202 Datasheet HTML 1Page - Monolithic Power Systems MP3202 Datasheet HTML 2Page - Monolithic Power Systems MP3202 Datasheet HTML 3Page - Monolithic Power Systems MP3202 Datasheet HTML 4Page - Monolithic Power Systems MP3202 Datasheet HTML 5Page - Monolithic Power Systems MP3202 Datasheet HTML 6Page - Monolithic Power Systems MP3202 Datasheet HTML 7Page - Monolithic Power Systems MP3202 Datasheet HTML 8Page - Monolithic Power Systems MP3202 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP3202 – 1.3A FIXED FREQUENCY WHITE LED DRIVER
MP3202 Rev. 0.91
www.MonolithicPower.com
2
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP3202DJ
TSOT23-6
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP3202DJ–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP3202DJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
SW Pin......................................–0.5V to +28.5V
All Other Pins..............................–0.3V to +6.5V
Storage Temperature.............. –55
°C to +150°C
Recommended Operating Conditions
(2)
IN Supply Voltage ..............................2.5V to 6V
Output Voltage....................................VIN to 25V
Operating Temperature............. –40
°C to +85°C
Part Number**
Package
Temperature
MP3202DG
QFN8
(2mm x 2mm) –40°C to +85°C
** For Tape & Reel, add suffix –Z (eg. MP3202DG–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP3202DG–LF–Z)
Thermal Resistance
(3)
θJA
θJC
TSOT23-6.............................. 220 .... 110..
°C/W
QFN8 (2mm x 2mm)............... 80 ...... 16...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max Units
Operating Input Voltage
VIN
2.5
6
V
Supply Current (Shutdown)
VEN = 0V
0.1
1
µA
Supply Current (Quiescent)
VFB = 0.15V
690
750
µA
Switching Frequency
fSW
1.0
1.3
1.5
MHz
Maximum Duty Cycle
VFB = 0V
85
92
%
Under Voltage Lockout
IN Under Voltage Lockout
UVLO
VIN Rising
2.25
2.45
V
Under Voltage Lockout
Hysteresis
92
mV
Open Lamp Shutdown
Threshold
VOV
VOV Rising
28
V
SW
GND
FB
1
2
3
6
5
4
IN
OV
EN
TOP VIEW
TOP VIEW
GND
IN
OV
EN
1
2
3
4
SW
NC
FB
GND
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com