Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3202 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3202
Description  1.3A Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3202 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3202 Datasheet HTML 1Page - Monolithic Power Systems MP3202 Datasheet HTML 2Page - Monolithic Power Systems MP3202 Datasheet HTML 3Page - Monolithic Power Systems MP3202 Datasheet HTML 4Page - Monolithic Power Systems MP3202 Datasheet HTML 5Page - Monolithic Power Systems MP3202 Datasheet HTML 6Page - Monolithic Power Systems MP3202 Datasheet HTML 7Page - Monolithic Power Systems MP3202 Datasheet HTML 8Page - Monolithic Power Systems MP3202 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP3202
1.3A Fixed Frequency
White LED Driver
MP3202 Rev. 0.91
www.MonolithicPower.com
1
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3202 is a step-up converter designed for
driving up to 39 white LEDs (13 strings of 3 LEDs
each) from a 5V system rail. The MP3202 uses a
current mode, fixed frequency architecture to
regulate the LED current, which is measured
through an external current sense resistor. Its low
104mV feedback voltage reduces power loss and
improves efficiency. The OV pin monitors the
output voltage and turns off the converter if an
over-voltage condition is present due to an open
circuit condition.
The MP3202 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload.
The MP3202 is available in small 6-pin TSOT23
or 8-pin QFN (2mm x 2mm) packages.
FEATURES
• 2.5V to 6V Input Voltage Range
• On Board Power MOSFET
• Drives up to 39 White LEDs at 5V Input
• Up to 92% Efficiency
• Over 1MHz Fixed Switching Frequency
• Open Load Shutdown
• Low 104mV Feedback Voltage
• Soft-Start/PWM Dimming
• UVLO, Thermal Shutdown
• Internal 1.3A Current Limit
• Available in TSOT23-6 and QFN8 Packages
APPLICATIONS
• Cell Phones
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP3202
VIN
4.5V - 6V
EN
13 Strings
IN
EN
GND
OV
FB
SW
100
90
80
70
60
50
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
Efficiency vs
Input Voltage
IOUT=180mA
IOUT=100mA


Similar Part No. - MP3202

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3202DG MPS-MP3202DG Datasheet
160Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3202

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0056 MPS-EV0056 Datasheet
195Kb / 3P
Fixed Frequency White LED Driver
EV3204DJ-00A MPS-EV3204DJ-00A Datasheet
170Kb / 3P
Fixed Frequency White LED Driver
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302-J-01A MPS-EV3302-J-01A Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com