Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3202 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3202
Description  1.3A Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3202 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3202 Datasheet HTML 1Page - Monolithic Power Systems MP3202 Datasheet HTML 2Page - Monolithic Power Systems MP3202 Datasheet HTML 3Page - Monolithic Power Systems MP3202 Datasheet HTML 4Page - Monolithic Power Systems MP3202 Datasheet HTML 5Page - Monolithic Power Systems MP3202 Datasheet HTML 6Page - Monolithic Power Systems MP3202 Datasheet HTML 7Page - Monolithic Power Systems MP3202 Datasheet HTML 8Page - Monolithic Power Systems MP3202 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP3202 – 1.3A FIXED FREQUENCY WHITE LED DRIVER
MP3202 Rev. 0.91
www.MonolithicPower.com
6
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
VEN
5V/div.
VOUT
5V/div.
IOUT
200mA/div.
IL
500mA/div.
Startup Waveforms
VIN = 5V, 27 LEDs, 180mA
Figure 4—Startup Waveforms
Figure 5 shows the dependence on current limit
versus duty cycle.
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0
20406080
100
DUTY CYCLE (%)
Figure 5—Current Limit vs. Duty Cycle
Setting the LED Current
The LED current is controlled by the feedback
resistors R1 and R2, as shown in Figure 2. The
current through the LEDs is given by the
equation:
2
R
1
R
2
R
1
R
mV
104
ILED
×
+
×
=
Table 1 shows the selection of resistors for a
given LED current.
Table 1—ILED vs. R1
ILED (mA)
R1 (Ω)
R2 (Ω)
10
10.4
N/A
50
2.08
N/A
100
1.04
N/A
150
1.5
1.3
180
1.2
1.1
Analog and Digital Dimming
There are three methods to control dimming for
the MP3202 during normal operation. The first
method uses DC voltage to control the
feedback voltage. This is shown in Figure 6. As
the DC voltage increases, current starts flowing
down R1, R2 and R3. The loop will continue to
regulate the feedback voltage to 104mV. Thus
the current has to decrease through the LEDs
by the same amount of current as is being
injected from the DC voltage source. With a VDC
from 0V to 2V, the resistor values shown for R2
and R3 can control the LED current from 0mA
to 20mA.
MP3202
LED1
LED2
LED3
FB
VDC
Figure 6—Dimming Control Using a DC
Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com