Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3352DQ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3352DQ
Description  60V, 2.5A Integrated Photo Flash Charger with IGBT Driver and Quench
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3352DQ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3352DQ Datasheet HTML 1Page - Monolithic Power Systems MP3352DQ Datasheet HTML 2Page - Monolithic Power Systems MP3352DQ Datasheet HTML 3Page - Monolithic Power Systems MP3352DQ Datasheet HTML 4Page - Monolithic Power Systems MP3352DQ Datasheet HTML 5Page - Monolithic Power Systems MP3352DQ Datasheet HTML 6Page - Monolithic Power Systems MP3352DQ Datasheet HTML 7Page - Monolithic Power Systems MP3352DQ Datasheet HTML 8Page - Monolithic Power Systems MP3352DQ Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP3352 – 60V, 2.5A INTEGRATED PHOTO FLASH CHARGER WITH IGBT DRIVER AND QUENCH
MP3352 Rev. 0.9
www.MonolithicPower.com
4
11/12/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25°C, unless otherwise noted.
VOUT
50V/div.
VOUT
100V/div.
VOUT
50V/div.
VSW
20V/div.
VCHARGE
5V/div.
VRDBY
5V/div.
VSW
20V/div.
IINDUCTOR
2A/div.
IIN
500mA/div.
VOUT
100V/div.
VCHARGE
5V/div.
VRDBY
5V/div.
IIN
500mA/div.
VOUT
100V/div.
VCHARGE
5V/div.
VRDBY
5V/div.
IIN
500mA/div.
VOUT
100V/div.
VCHARGE
5V/div.
VRDBY
5V/div.
IIN
500mA/div.
IINDUCTOR
2A/div.
Switching Waveform
VCC=VIN=3.3V,VOUT=300V,ISET=2.5A
Charging Waveform
COUT=47 F,VCC=VIN=3.3V,VOUT=300V,ISET=2.5A
Charging Waveform
COUT=47 F,VCC=VIN=5V,VOUT=300V,ISET=2.5A
Charging Waveform
COUT=100 F,VCC=VIN=5V,VOUT=300V,ISET=2.5A
Charging Waveform
COUT=100 F,VCC=VIN=3.3V,VOUT=300V,ISET=2.5A
VCC=VIN=5V,VOUT=300V,ISET=2.5A
Switching Waveform
200ms/div
200ms/div
400ms/div
400ms/div



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com